Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3185 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. 3185
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

3185 Datasheet(HTML) 6 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Surface-Mount Lead Form (Suffix ‘-TL’)
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5.
Where no tolerance is specified, dimension is nominal.
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
PACKAGE DESIGNATOR ‘UA’
0.095
±0.005
0.020
MIN
FLAT
Dwg. MH-015 in
0.004
MAX
0.002
MAX
0
°–8°
2.41
±0.13
0.51
MIN
FLAT
Dwg. MH-015 mm
0.10
MAX
0.051
MAX
0
°–8°
Dwg. MH-014D mm
4.17
4.04
1.57
1.47
0.38
1.27
BSC
45
°
16.26
15.24
0.41
2.16
MAX
45
°
0.79
123
3.10
2.97
SEE NOTE
Dwg. MH-014D in
0.164
0.159
0.062
0.058
0.015
0.050
BSC
45
°
0.640
0.600
0.016
0.085
MAX
45
°
0.031
123
0.122
0.117
SEE NOTE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn