Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3185 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. 3185
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3185 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3185 Datasheet HTML 1Page - Allegro MicroSystems 3185 Datasheet HTML 2Page - Allegro MicroSystems 3185 Datasheet HTML 3Page - Allegro MicroSystems 3185 Datasheet HTML 4Page - Allegro MicroSystems 3185 Datasheet HTML 5Page - Allegro MicroSystems 3185 Datasheet HTML 6Page - Allegro MicroSystems 3185 Datasheet HTML 7Page - Allegro MicroSystems 3185 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5.
Where no tolerance is specified, dimension is nominal.
6.
Minimum lead length was 0.500" (12.70 mm). If existing product to the original specifications is not acceptable,
contact sales office before ordering.
PACKAGE DESIGNATOR ‘U’
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
Dwg. MH-003D in
0.063
0.059
0.018
0.015
0.016
0.050
1
2
3
0.100
45
°
SEE NOTE
0.183
0.178
0.181
0.176
0.600
0.560
0.086
MAX
Dwg. MH-003D mm
1.60
1.50
0.46
0.38
0.41
1.27
1
2
3
2.54
45
°
SEE NOTE
4.65
4.52
4.60
4.47
15.24
14.23
2.18
MAX
Devices in the ‘U’ package are
NOT RECOMMENDED FOR NEW DESIGN


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn