Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R3-25YLC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN7R3-25YLC
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R3-25YLC Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN7R3-25YLC Datasheet HTML 1Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 2Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 3Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 4Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 5Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 6Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 7Page - NXP Semiconductors PSMN7R3-25YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
NextPower 25 V & 30 V MOSFETs
in LFPAK (Power-SO8)
NXP introduces a range of high performance
N-channel, logic-level MOSFETs in LFPAK
As a power design engineer, compromise is never far from your mind. Do I choose a low R
DS(on) device and accept the
higher output capacitance? Do I demand the lowest gate charge characteristics to reduce switching losses but then find
that the package options are no longer ideal in my application?
The NextPower range of MOSFETs from NXP provides uniquely balanced characteristics across the six most important
parameters essential for your latest high efficiency and high reliability designs. More performance, less compromise…
Many competitors focus only on optimising R
DS(on) and Qg. As Qg gets lower then losses due to Qoss and Qgd become
more significant. NextPower uses Superjunction technology to provide the optimum balance between low R
DS(on), low
Q
oss, low Qg(tot) and Qgd to give optimum switching performance. NextPower delivers superior SOA performance, and
low Q
oss reduces the losses between the output DRAIN & SOURCE terminals. NextPower also delivers the lowest RDS(on)
with sub 1 mΩ types at both 25 V and 30 V.
LFPAK packaging provides rugged power switching on a compact 5 mm x 6 mm footprint compatible with other
Power-SO8 vendors. The unique benefits of LFPAK make it the best package choice for demanding applications or where
high-reliability is required. It also allows for visual inspection, reducing the need for costly X-ray equipment to detect
solder defects as is common with QFN style Power-SO8 packages.
Key benefits
} High efficiency in power switching applications
} Industry’s lowest R
DS(on) Power-SO8 - Less than 1 mΩ
at 25 V and 30 V
} Low Q
oss for reduced output losses between DRAIN &
SOURCE
} Low Q
gd for reduced switching losses and high frequency
switching
} 20 V rated GATE provides better tolerance to voltage
transients than lateral MOSFET types
} Superior ‘Safe Operating Area’ performance compared
to other Trench MOSFET vendors
} Optimised for 4.5 V gate drive voltage
} Optimum switching performance under light & heavy
load conditions
} LFPAK package for compatibility with other vendor
Power-SO8 types
} Eliminates costly X-ray inspection – LFPAK solder joints
can be optically inspected
Key applications
} Synchronous buck regulators
} DC-DC conversion
} Voltage regulator modules (VRM)
} Power OR-ing


Similar Part No. - PSMN7R3-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-100BS NXP-PSMN7R0-100BS Datasheet
229Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN7R0-100BS NEXPERIA-PSMN7R0-100BS Datasheet
976Kb / 14P
   N-channel 100V 6.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 2 March 2012
logo
NXP Semiconductors
PSMN7R0-100ES NXP-PSMN7R0-100ES Datasheet
251Kb / 15P
   N-channel 100V 6.8 m廓 standard level MOSFET in I2PAK.
Rev. 03-23 February 2010
logo
Nexperia B.V. All right...
PSMN7R0-100ES NEXPERIA-PSMN7R0-100ES Datasheet
865Kb / 15P
   N-channel 100V 6.8 mΩ standard level MOSFET in I2PAK.
Rev. 03 - 23 February 2010
logo
NXP Semiconductors
PSMN7R0-100PS NXP-PSMN7R0-100PS Datasheet
252Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
More results

Similar Description - PSMN7R3-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R5-40PS PHILIPS-PSMN1R5-40PS Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
PSMN2R2-30YLC NEXPERIA-PSMN2R2-30YLC Datasheet
934Kb / 15P
   N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
   N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN3R2-30YLC NEXPERIA-PSMN3R2-30YLC Datasheet
933Kb / 15P
   N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
   N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
   N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
   N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com