Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAB4A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CAB4A
Description  CAB4A - DDR4 Register 32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAB4A Datasheet(HTML) 4 Page - Texas Instruments

  CAB4A Datasheet HTML 1Page - Texas Instruments CAB4A Datasheet HTML 2Page - Texas Instruments CAB4A Datasheet HTML 3Page - Texas Instruments CAB4A Datasheet HTML 4Page - Texas Instruments CAB4A Datasheet HTML 5Page - Texas Instruments CAB4A Datasheet HTML 6Page - Texas Instruments CAB4A Datasheet HTML 7Page - Texas Instruments CAB4A Datasheet HTML 8Page - Texas Instruments CAB4A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAB4A
SNAS630B – JULY 2013 – REVISED OCTOBER 2013
www.ti.com
Table 1. TERMINAL FUNCTIONS (continued)
SIGNAL
TYPE
DESCRIPTION
GROUP
NAME
QACKE0/1,
QAODT0/1,
Register output CKE and ODT signals.
QBCKE0/1,
QBODT0/1
QACS0_n..QACS
1_n,
Register output Chip Select signals.
QBCS0_n..QBCS
1_n
Output Control Bus
Register output Chip Select signals. These pins initiate DRAM
QACS2_n..QACS
address/command decodes, and as such exactly one will be
3_n,
LOW when a valid address/command is present which should
QBCS2_n..QBCS
be re-driven.
3_n or
Some of these have alternative functions (Chip ID):
QAC0..QAC1,
QxCS2_n
↔ QxC0
QBC0..QBC1
QxCS2_n
↔ QxC0
QAC2, QBC2
Register output Chip ID2 signals.
CMOS
QAA0..QAA13,
QAA17,
QBA0..QBA13,
QBA17,
Outputs of the register, valid after the specified clock count and
QABA0..QABA1,
immediately following a rising edge of the clock.
QBBA0..QBBA1,
QAG0..QAG1,
QBG0..QBG1
Outputs of the register, valid after the specified clock count and
Output Address and
QAA14..QAA16,
immediately following a rising edge of the clock.
Command bus
QBA14..QBA16
In case of an ACT command some of these terminals have an
or QAWE_n,
alternative function:
QACAS_n,
QARAS_n,
QxA14
↔ QxWE_n
QBWE_n,
QxA15
↔ QxCAS_n
QBCAS_n,
QBRAS_n
QxA16
↔ QxRAS_n
QAACT-n,
Outputs of the register, valid after the specified clock count and
QBACT_n
immediately following a rising edge of the clock.
Vref output
QVREFCA
VDD/2 Reference voltage
Output reference voltage for DRAM receivers
Y0_t..Y3_t,
Clock outputs
CMOS differential
Re-driven clocks
Y0_c..Y3_c
Reset output
QRST_n
Re-driven reset. This is not an asynchronous output.
CMOS
Parity outputs
QAPAR, QBPAR
Re-driven parity(4)
When LOW, this output indicates that a parity error was
identified associated with the address and/or command inputs
Error out
ALERT_n
Open drain
when parity checking is enabled or that the ERROR_IN_n input
was asserted, regardless of whether parity checking is enabled
or not.
Open drain
SDA
I2C Data
I/O
SCL
I2C Clock
CMOS input
I2C pins
SA[2:0]
I2C Address signals
CMOS input
BFUNC
Reserved(5)
CMOS input
VDDSPD
I2C power input
Power input
(4)
I2C inputs: These inputs are 2.5V inputs, except BFUNC which is a 1.2V input.
(5)
BFUNC has an internal pull-down resistor of 120 k
Ω to V.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CAB4A


Similar Part No. - CAB4A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
logo
GradConn, Ltd.
CAB411RF GRADCONN-CAB411RF Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-E GRADCONN-CAB411RF-0100-F1A-1-E Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-S GRADCONN-CAB411RF-0100-F1A-1-S Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
More results

Similar Description - CAB4A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com