Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8205UFL Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SN8205UFL
Description  Wi-Fi 802.11 b/g/n Network Controller Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SN8205UFL Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SN8205UFL Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SN8205UFL Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Note: Information in this brief is subject to change without notice.
© November 2013 Murata Americas
E-mail: modules@murata.com
www.murata-ws.com
Evaluation Board Features
SN820X Wi-Fi Network Controller
Mini-USB connector supporting USB-JTAG and USB-
serial interfaces
Pads for headers to access the I/O pins of the SN820X
module.
Serial flash (8M bits) and interface header
SHT21 temperature and relative humidity sensor
UART interface header
SN8200 module
Serial flash
Serial flash interface
UART interface
SHT21 sensor
Reset button
Mini-USB connector
Power indicator
CN3
CN4 (VDD_3V6)
CN2 (VEXT on right)
VEXT
Module Ordering Information
Model Number
Part Number
SN8200
88-00151-00
SN8200UFL
88-00151-02
SN8205
88-00158-00
SN8205UFL
88-00158-02
Evaluation Kit Ordering Information
Model Number
Part Number
SN8200 EVK+
88-00151-95
SN8200UFL EVK+
88-00151-97
SN8205 EVK+
88-00158-95
SN8205UFL EVK+
88-00158-97


Similar Part No. - SN8205UFL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SN8200 MURATA-SN8200 Datasheet
818Kb / 2P
   Wi?륡i Module Evaluation Kit
logo
ML Accessories Limited....
SN8200 KNIGHTSBRIDGE-SN8200 Datasheet
182Kb / 1P
   LOAD/MAX. LOAD 100W Incandescent / 8W LED
27/03/2024
logo
Murata Manufacturing Co...
SN8200-EVK MURATA-SN8200-EVK Datasheet
818Kb / 2P
   Wi?륡i Module Evaluation Kit
SN8200EVK MURATA-SN8200EVK Datasheet
947Kb / 2P
   Wi?륡i Module Evaluation Kit
SN8200EVK++ MURATA-SN8200EVK+ Datasheet
818Kb / 2P
   Wi?륡i Module Evaluation Kit
More results

Similar Description - SN8205UFL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMW25-MR210PB ATMEL-ATSAMW25-MR210PB Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n SmartConnect Wi-Fi Module
logo
Telit loT Solutions
WE310F5 TELIT-WE310F5 Datasheet
1Mb / 2P
   Wi-Fi 802.11 b/g/n BLE5
GS2101M TELIT-GS2101M Datasheet
261Kb / 2P
   Wi-Fi 802.11 b/g/n Embedded
logo
rfsolutions.ltd
ESP-12S RFSOLUTIONS-ESP-12S Datasheet
438Kb / 2P
   ESP-12S 802.11 b/g/n Wi-Fi Module
V1.1
logo
Advantech Co., Ltd.
EKI-6311GN ADVANTECH-EKI-6311GN Datasheet
275Kb / 2P
   IEEE 802.11 b/g/n Wi-Fi AP/Client
5-May-2015
logo
Telit loT Solutions
WL865E4-P TELIT-WL865E4-P Datasheet
578Kb / 2P
   Wi-Fi 802.11 a/b/g/n BLE 5
logo
Advantech Co., Ltd.
EKI-6333AC-2G ADVANTECH-EKI-6333AC-2G Datasheet
590Kb / 2P
   IEEE 802.11 a/b/g/n/ac Wi-Fi AP
11-Nov-2021
logo
World Produts Inc.
WPANT10017-SA WPI-WPANT10017-SA Datasheet
313Kb / 5P
   802.11 a/b/g/n Dual-band Wi-Fi Antenna
WPANT10021 WPI-WPANT10021 Datasheet
174Kb / 3P
   802.11 a/b/g/n Dual-band Wi-Fi Antenna
WPANT10021-SA WPI-WPANT10021-SA Datasheet
291Kb / 5P
   802.11 a/b/g/n Dual-band Wi-Fi Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com