Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005C0G1H050B Datasheet(PDF) 3 Page - TDK Electronics

Part # C1005C0G1H050B
Description  Multilayer Ceramic Chip Capacitors General use
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005C0G1H050B Datasheet(HTML) 3 Page - TDK Electronics

  C1005C0G1H050B Datasheet HTML 1Page - TDK Electronics C1005C0G1H050B Datasheet HTML 2Page - TDK Electronics C1005C0G1H050B Datasheet HTML 3Page - TDK Electronics C1005C0G1H050B Datasheet HTML 4Page - TDK Electronics C1005C0G1H050B Datasheet HTML 5Page - TDK Electronics C1005C0G1H050B Datasheet HTML 6Page - TDK Electronics C1005C0G1H050B Datasheet HTML 7Page - TDK Electronics C1005C0G1H050B Datasheet HTML 8Page - TDK Electronics C1005C0G1H050B Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
(2/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
General Use
C Series
FEATURES
• An electrostatic capacity has been obtained that reaches the
electrolytic capacitor range through precision technology that
enables the use of multiple thinner ceramic dielectric layers.
• Since these capacitors are composed of only ceramics and
metals and have a monolithic structure, they offer a long service
life and high reliability.
• Low ESL and excellent frequency characteristics allow for a
circuit design that closely conforms to theoretical values.
• Low self-heating and high ripple resistance due to low ESR.
APPLICATION EXAMPLES
• Decoupling and ripple filters for general electronic devices
• Time constant circuits, resonance circuits, coupling circuits
(Products with CH or C0G temperature characteristics are
recommended. Use as a replacement for film capacitors is also
possible.)
SHAPES AND DIMENSIONS
DIMENSIONS
The dimensions of each product are described within the product
name.
Dimensions L
×W
The 4-digit number in the product name corresponds to the
dimensions of L
×W.
Refer to the table below for specific values.
Dimensions in mm
• Dimension tolerances are typical values.
Product’s Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
Conformity to RoHS Directive
Dimension code
L
W
B
0402
0.4±0.02
0.2±0.02
0.07min.
0603
0.6±0.03
0.3±0.03
0.1min.
1005
1.0±0.05
0.5±0.05
0.1min.
1608
1.6±0.1
0.8±0.1
0.2min.
2012
2.0±0.2
1.25±0.2
0.2min.
3216
3.2±0.2
1.6±0.2
0.2min.
3225
3.2±0.4
2.5±0.3
0.2min.
4532
4.5±0.4
3.2±0.4
0.2min.
5750
5.7±0.4
5.0±0.4
0.2min.
B
L


Similar Part No. - C1005C0G1H050B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005C0G1H050B TDK-C1005C0G1H050B Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1005C0G1H050B TDK-C1005C0G1H050B Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1005C0G1H050B TDK-C1005C0G1H050B Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H050B TDK-C1005C0G1H050B Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H050B050BA TDK-C1005C0G1H050B050BA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C1005C0G1H050B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com