Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

084-501-76 Datasheet(PDF) 2 Page - Marl International Limited

Part # 084-501-76
Description  LED Bulkhead Unit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

084-501-76 Datasheet(HTML) 2 Page - Marl International Limited

  084-501-76 Datasheet HTML 1Page - Marl International Limited 084-501-76 Datasheet HTML 2Page - Marl International Limited 084-501-76 Datasheet HTML 3Page - Marl International Limited 084-501-76 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
to order
de-rating information
Dimensions in mm (typical)
Not to scale
Intensities (Iv) and colour shades of white (x,y co-ordinates) may vary between leds within a batch
BS EN ISO 9001:2008
approved manufacturer
084 series
241
57
104
122
= 127 =
= 36 =
20 KNOCKOUT TYP 6 PLCS
6.5 KNOCKOUT
TYP 8 PLCS
17
104.1
120
Series
Max. Power Dissipation (mW)
084
5000
063
*Typical emission colour White
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
Derating Graph AB
0
10
20
30
40
0.0
100.0
80.0
60.0
40.0
20.0
120.0
Ambient Temperature Ta (°C)
Derating Graph BB
0
10
20
30
40
0.0
100.0
80.0
60.0
40.0
20.0
120.0
50
Ambient Temperature Ta (°C)
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 084 - version 2013-10-01-173130
page 2 of 4


Similar Part No. - 084-501-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
084-501-76 MARL-084-501-76 Datasheet
360Kb / 1P
   FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
084-501-76 MARL-084-501-76 Datasheet
293Kb / 2P
   LED BULKHEAD UNIT
More results

Similar Description - 084-501-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
   LED Bulkhead Unit
084-501-22 MARL-084-501-22_16 Datasheet
293Kb / 2P
   LED BULKHEAD UNIT
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
   LED Bulkhead Unit
logo
Power Systems GmbH+Co.K...
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com