Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33269TG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33269TG
Description  800 mA, Adjustable Output,Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33269TG Datasheet(HTML) 2 Page - ON Semiconductor

  MC33269TG Datasheet HTML 1Page - ON Semiconductor MC33269TG Datasheet HTML 2Page - ON Semiconductor MC33269TG Datasheet HTML 3Page - ON Semiconductor MC33269TG Datasheet HTML 4Page - ON Semiconductor MC33269TG Datasheet HTML 5Page - ON Semiconductor MC33269TG Datasheet HTML 6Page - ON Semiconductor MC33269TG Datasheet HTML 7Page - ON Semiconductor MC33269TG Datasheet HTML 8Page - ON Semiconductor MC33269TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Input Voltage
Vin
20
V
Power Dissipation
Case 369C (DPAK)
TA = 25C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
Internally Limited
92
6.0
W
C/W
C/W
Case 751 (SO−8)
TA = 25C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
Internally Limited
160
25
W
C/W
C/W
Case 221A (TO−220)
TA = 25C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
Internally Limited
65
5.0
W
C/W
C/W
Case 318E (SOT−223)
TA = 25C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
Internally Limited
156
15
W
C/W
C/W
Operating Die Junction Temperature Range
TJ
−40 to +150
C
Operating Ambient Temperature Range
MC33269
NCV33269
TA
−40 to +125
−40 to +125
C
Storage Temperature
Tstg
−55 to +150
C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
4000
400
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (CO = 10 mF, TA = 25C, for min/max values TA = −40C to +125C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Iout = 10 mA, TA = 25C)
3.3 Suffix (VCC = 5.3 V)
5.0 Suffix (VCC = 7.0 V)
12 Suffix (VCC = 14 V)
VO
3.27
4.95
11.88
3.3
5.0
12
3.33
5.05
12.12
V
Output Voltage (Line, Load and Temperature) (Note 1)
(1.25 V  Vin − Vout  15 V, Iout = 500 mA)
(1.35 V  Vin − Vout  10 V, Iout = 800 mA)
3.3 Suffix
5.0 Suffix
12 Suffix
VO
3.23
4.9
11.76
3.3
5.0
12
3.37
5.1
12.24
V
Reference Voltage for Adjustable Voltage
(Iout = 10 mA, Vin − Vout = 2.0 V, TA = 25C)
Vref
1.235
1.25
1.265
V
Reference Voltage (Line, Load and Temperature) (Note 1) for Adjustable Voltage
(1.25 V  Vin − Vout  15 V, Iout = 500 mA)
(1.35 V  Vin − Vout  10 V, Iout = 800 mA)
Vref
1.225
1.25
1.275
V
Line Regulation
(Iout = 10 mA, Vin = [Vout + 1.5 V] to Vin = 20 V, TA = 25C)
Regline
0.3
%
Load Regulation
(Vin = Vout + 3.0 V, Iout = 10 mA to 800 mA, TA = 25C)
Regload
0.5
%
Dropout Voltage
(Iout = 500 mA)
(Iout = 800 mA)
Vin − Vout
1.0
1.1
1.25
1.35
V
Ripple Rejection
(10 Vpp, 120 Hz Sinewave; Iout = 500 mA)
RR
55
dB
Current Limit
(Vin − Vout = 10 V)
ILimit
800
mA
Quiescent Current (Fixed Output)
(1.5 V  Vout  3.3 V)
(5 V  Vout  12 V)
IQ
5.5
8.0
20
mA
Minimum Required Load Current
Fixed Output Voltage
Adjustable Voltage
ILoad
8.0
0
mA
Adjustment Pin Current
IAdj
120
mA
1. The MC33269−12, Vin − Vout is limited to 8.0 V maximum, because of the 20 V maximum rating applied to Vin.


Similar Part No. - MC33269TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269TG ONSEMI-MC33269TG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269TG ONSEMI-MC33269TG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269TG ONSEMI-MC33269TG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269TG ONSEMI-MC33269TG Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
More results

Similar Description - MC33269TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-3.3G ONSEMI-MC33269T-3.3G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com