Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3054 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3054
Description  MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3054 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3054 Datasheet HTML 1Page - Allegro MicroSystems 3054 Datasheet HTML 2Page - Allegro MicroSystems 3054 Datasheet HTML 3Page - Allegro MicroSystems 3054 Datasheet HTML 4Page - Allegro MicroSystems 3054 Datasheet HTML 5Page - Allegro MicroSystems 3054 Datasheet HTML 6Page - Allegro MicroSystems 3054 Datasheet HTML 7Page - Allegro MicroSystems 3054 Datasheet HTML 8Page - Allegro MicroSystems 3054 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3054
MULTIPLEXED
TWO-WIRE
HALL-EFFECT SENSOR ICs
FUNCTIONAL BLOCK DIAGRAM
SENSOR LOCATION
(
±0.005” [0.13 mm] die placement)
CLOCK
Dwg. FH-009
BUS
SWITCH IN
(OPTIONAL)
GROUND
CMOS LOGIC
REG
COMP
COMP
RESET
1
3
2
1
3
2
Dwg. MH-002-10A
0.015"
0.38 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.073"
1.85 mm
A
0.090"
2.29 mm
DEFINITION OF TERMS
Sensor Address
Each bus sensor has a factory-specified predefined
address. At present, allowable sensor addresses are
integers from 01 to 30.
LOW-to-HlGH Clock Threshold (VCLH)
Minimum voltage required during the positive-going
transition to increment the bus address and trigger a
diagnostic response from the bus sensors. This is also
the maximum threshold of the on-chip comparator that
monitors the supply voltage, VBUS.
HlGH-to-LOW Threshold (VHL)
Maximum voltage required during the negative-going
transition to trigger a
signal current response from the bus
sensors. This is also the maximum threshold of the
on-chip comparator that monitors the supply voltage,
VBUS.
Bus HIGH Voltage (VH)
Bus HIGH voltage during addressing. Voltage should
be greater than VCLH.
Address LOW Voltage (VL)
Bus LOW voltage during addressing. Voltage should
be greater than VRST and less than VCHL.
Bus Reset Voltage (VRST)
Voltage level while resetting sensors.
Sensor Quiescent Current Drain (IQ)
The current drain of bus sensors when active but not
addressed. IQH is the quiescent current drain when the
sensor is not addressed and is at VH IQL is the quiescent
current drain when the sensor is not addressed and is at
VL. Note that IQL is greater than IQH.
Diagnostic Phase
Period on the bus when the address voltage is at VH.
During this period, a correctly addressed sensor responds
by increasing its current drain on the bus. This response
from the sensor is called the diagnostic response and
the bus current
increase is called the diagnostic current.
Signal Phase
Period on the bus when the address voltage is at VL.
During this period, a correctly addressed sensor that
detects a magnetic field greater than the magnetic oper-
ate point, BOP, responds by maintaining a current drain of
IS on the bus. This response from the sensor is called the
signal response and the bus current is called the signal
current.
Sensor Address Response Current (IS)
Sensor current during the
diagnostic and the signal
responses of the bus sensor. This is accomplished by
enabling an internal constant-current source.


Similar Part No. - 3054

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3054 KR-3054 Datasheet
34Kb / 2P
   Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
   Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Intel Corporation
305433 INTEL-305433 Datasheet
1Mb / 75P
   I/O Processor
More results

Similar Description - 3054

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
   Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com