Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP36N06V Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP36N06V
Description  TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP36N06V Datasheet(HTML) 3 Page - Motorola, Inc

  MTP36N06V Datasheet HTML 1Page - Motorola, Inc MTP36N06V Datasheet HTML 2Page - Motorola, Inc MTP36N06V Datasheet HTML 3Page - Motorola, Inc MTP36N06V Datasheet HTML 4Page - Motorola, Inc MTP36N06V Datasheet HTML 5Page - Motorola, Inc MTP36N06V Datasheet HTML 6Page - Motorola, Inc MTP36N06V Datasheet HTML 7Page - Motorola, Inc MTP36N06V Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP36N06V
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
1
2
3
0
18
72
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
1
3
5
7
9
0
18
54
72
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
18
36
72
0.02
0.06
0.04
0.1
0
36
54
72
0.028
0.036
0.044
0.052
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0
10
20
40
50
60
10
100
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
9 V
8 V
6 V
5 V
7 V
VGS = 10 V
TJ = 100°C
25
°C
– 55
°C
25
°C
TJ = 25°C
VGS = 10 V
15 V
VGS = 0 V
TJ = 125°C
36
54
4
36
54
18
30
VDS ≥ 10 V
TJ = 100°C
–55
°C
4 V
2
4
6
8
0.08
0
1000
1
100
°C
25
°C
– 50
0.6
0.8
1.2
1.6
1.8
TJ, JUNCTION TEMPERATURE (°C)
– 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 16 A
1
1.4
175


Similar Part No. - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP36N06V ONSEMI-MTP36N06V Datasheet
207Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTV32N20E MOTOROLA-MTV32N20E Datasheet
264Kb / 10P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com