Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14538BDWR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14538BDWR2G
Description  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BDWR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14538BDWR2G Datasheet HTML 1Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 2Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 3Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 4Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 5Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 6Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 7Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 8Page - ON Semiconductor MC14538BDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC14538B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
All Types
Unit
Min
Typ
(Note 5)
Max
Output Rise Time
tTLH = (1.35 ns/pF) CL + 33 ns
tTLH = (0.60 ns/pF) CL + 20 ns
tTLH = (0.40 ns/pF) CL + 20 ns
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL = (1.35 ns/pF) CL + 33 ns
tTHL = (0.60 ns/pF) CL + 20 ns
tTHL = (0.40 ns/pF) CL + 20 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
A or B to Q or Q
tPLH, tPHL = (0.90 ns/pF) CL + 255 ns
tPLH, tPHL = (0.36 ns/pF) CL + 132 ns
tPLH, tPHL = (0.26 ns/pF) CL + 87 ns
tPLH,
tPHL
5.0
10
15
300
150
100
600
300
220
ns
Reset to Q or Q
tPLH, tPHL = (0.90 ns/pF) CL + 205 ns
tPLH, tPHL = (0.36 ns/pF) CL + 107 ns
tPLH, tPHL = (0.26 ns/pF) CL + 82 ns
5.0
10
15
250
125
95
500
250
190
ns
Input Rise and Fall Times
Reset
tr, tf
5
10
15
15
5
4
ms
B Input
5
10
15
300
1.2
0.4
1.0
0.1
0.05
ms
A Input
5
10
15
No Limit
Input Pulse Width
A, B, or Reset
tWH,
tWL
5.0
10
15
170
90
80
85
45
40
ns
Retrigger Time
trr
5.0
10
15
0
0
0
ns
Output Pulse Width — Q or Q
Refer to Figures 8 and 9
CX = 0.002 mF, RX = 100 kW
T
5.0
10
15
198
200
202
210
212
214
230
232
234
ms
CX = 0.1 mF, RX = 100 kW
5.0
10
15
9.3
9.4
9.5
9.86
10
10.14
10.5
10.6
10.7
ms
CX = 10 mF, RX = 100 kW
5.0
10
15
0.91
0.92
0.93
0.965
0.98
0.99
1.03
1.04
1.06
s
Pulse Width Match between circuits in
the same package.
CX = 0.1 mF, RX = 100 kW
100
[(T1 – T2)/T1]
5.0
10
15
± 1.0
± 1.0
± 1.0
± 5.0
± 5.0
± 5.0
%
4. The formulas given are for the typical characteristics only at 25_C.
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
OPERATING CONDITIONS
External Timing Resistance
RX
5.0
(Note 6)
kW
External Timing Capacitance
CX
0
No Limit
(Note 7)
mF
6. The maximum usable resistance RX is a function of the leakage of the capacitor CX, leakage of the MC14538B, and leakage due to board
layout and surface resistance. Susceptibility to externally induced noise signals may occur for RX > 1 MW..
7. If CX > 15 mF, use discharge protection diode per Fig. 11.


Similar Part No. - MC14538BDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14538BDWR2G ONSEMI-MC14538BDWR2G Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BDWR2G ONSEMI-MC14538BDWR2G Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
More results

Similar Description - MC14538BDWR2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com