Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14060BFELG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14060BFELG
Description  14-Bit Binary Counter and Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060BFELG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14060BFELG Datasheet HTML 1Page - ON Semiconductor MC14060BFELG Datasheet HTML 2Page - ON Semiconductor MC14060BFELG Datasheet HTML 3Page - ON Semiconductor MC14060BFELG Datasheet HTML 4Page - ON Semiconductor MC14060BFELG Datasheet HTML 5Page - ON Semiconductor MC14060BFELG Datasheet HTML 6Page - ON Semiconductor MC14060BFELG Datasheet HTML 7Page - ON Semiconductor MC14060BFELG Datasheet HTML 8Page - ON Semiconductor MC14060BFELG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14060B
http://onsemi.com
5
Figure 3. Oscillator Circuit Using RC Configuration
11
RESET
RS
Ctc
Rtc
10OUT 1
9OUT 2
f [
1
2.3 RtcCtc
if 1 kHz ≤ f ≤ 100 kHz
and 2Rtc < RS < 10Rtc
(f in Hz, R in ohms, C in farads)
The formula may vary for other frequencies. Recommended
maximum value for the resistors in 1 MW.
TYPICAL RC OSCILLATOR CHARACTERISTICS
Figure 4. RC Oscillator Stability
Figure 5. RC Oscillator Frequency as a
Function of RTC and C
- 8.0
-12
-16
- 4.0
0
4.0
8.0
125
100
75
50
25
0
-25
-55
TA, AMBIENT TEMPERATURE (°C)
VDD = 15 V
1.0 V
5.0 V
RTC = 56 kW
C = 1000 pF
RS =0, f=10.15kHz @ VDD =10, TA =25°C
RS =120 kW, f=7.8kHz @ VDD =10V, TA =25°C
100
50
20
10
5
2
1
0.5
0.2
0.1
1.0 k
10 k
100 k
1.0 M
RTC, RESISTANCE (OHMS)
0.0001
0.001
0.01
0.1
C, CAPACITANCE (
mF)
VDD = 10 V
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
f AS A FUNCTION
OF C
(RTC = 56 kW)
(RS = 120 k)
Figure 6. Typical Crystal Oscillator Circuit
CLOCK
11
RESET
9OUT 2
10OUT 1
18M
RO
CS
CT
Table 2. Typical Data for Crystal Oscillator Circuit
Characteristic
500 kHz
Circuit
32 kHz
Circuit Unit
Crystal Characteristics
Resonant Frequency
Equivalent Resistance, RS
500
1.0
32
6.2
kHz
kW
External Resistor/Capacitor Values
RO
CT
CS
47
82
20
750
82
20
kW
pF
pF
Frequency Stability
Frequency Changes as a
Function of VDD (TA = 25°C)
VDD Change from 5.0 V to 10V
VDD Change from 10 V to 15 V
Frequency Change as a Function of
Temperature (VDD = 10 V)
TA Change from − 55°C to
+25°C Complete Oscillator (Note 6)
TA Change from + 25°C to
+ 125°C Complete Oscillator
(Note 6)
+6.0
+2.0
+100
–160
+2.0
+2.0
+120
–560
ppm
ppm
ppm
ppm
6. Complete oscillator includes crystal, capacitors, and resistors.


Similar Part No. - MC14060BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060BFELG ONSEMI-MC14060BFELG Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
More results

Similar Description - MC14060BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com