Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4812KPGSH-10 Datasheet(PDF) 3 Page - Crydom Inc.,

Part # HA4812KPGSH-10
Description  HA / HD48 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HA4812KPGSH-10 Datasheet(HTML) 3 Page - Crydom Inc.,

  HA4812KPGSH-10 Datasheet HTML 1Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 2Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 3Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 4Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 5Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 6Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 7Page - Crydom Inc., HA4812KPGSH-10 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DataSheet
Panel Mount
MECHANICAL SPECIFICATIONS (1)
Screw Termination
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.18 [4.5]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Mounting
Hole/Slot
r 0.09 [2.2]
0.92
[23.3]
Round Standoff Termination (“K” Option)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.08
[27.5]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Mounting
Hole/Slot
r 0.09 [2.2]
0.89
[22.6]
Quick Connect Termination (“F” Option) - Up to 25 Amp (7)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.1
[27.9]
0.49
[12.4]
8-32 Output Screw
(2 places)
Faston Terminal
0.25 x 0.032
(2 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
Mounting
Hole/Slot
r 0.09 [2.2]
1.0
[25.4]
1.75
[44.5]
6-32 Input Screw
(2 places)
Faston Terminal
0.187 x 0.032 (2 places)
0.89
[22.6]
1.25
[31.8]
Quick Connect Termination (“F” Option) - Up to 50 Amp (7)
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.1
[27.9]
0.49
[12.4]
8-32 Output Screw
(2 places)
Faston Terminal
0.25 x 0.032
(4 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
Mounting
Hole/Slot
r 0.09 [2.2]
1.0
[25.4]
1.75
[44.5]
6-32 Input Screw
(2 places)
Faston Terminal
0.187 x 0.032 (2 places)
0.89
[22.6]
1.25
[31.8]
GENERAL NOTES
(1) All parameters at 25°C unless otherwise specified.
(2) For “S” option, operating voltage frequency is 47-63Hz.
(3) For parts with option “S” maximum leakage current is 10mA.
(4) Heat sinking required, see derating curves.
(5) Increase minimum voltage by 1V for operations from -20 to -40°C.
(6) Turn-on time for Instantaneous turn-on versions is 0.02 msec (DC Control Models).
(7) Single pair (up to 25A) Double pair* (50A model only). *Caution: User must connect to both pairs.
(8) Output will self trigger between 900-1200Vpk, not suitable for capacitive loads.
(9) Instantaneous turn-on version is not recomended for capacitive loads. Use zero turn-on only.
(10) Elective Input Status LED, “G” option.
(11) Elective Overvoltage Protection, “P” option.
(12) Elective Internal Snubber, “S” option.
(13) Load can be wired to either SSR output terminal 1 or 2.
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - HA4812KPGSH-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA4812 ETC1-HA4812 Datasheet
46Kb / 3P
   12-90Amp 480 Vac AC Output
logo
Crydom Inc.,
HA4812 CRYDOM-HA4812 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HA4812 CRYDOM-HA4812 Datasheet
760Kb / 8P
   panel mount
logo
List of Unclassifed Man...
HA48125 ETC2-HA48125 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
logo
Crydom Inc.,
HA48125 CRYDOM-HA48125 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - HA4812KPGSH-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HD4890K-10 CRYDOM-HD4890K-10 Datasheet
1,016Kb / 8P
   HA / HD48 Series
HA6050-10 CRYDOM-HA6050-10 Datasheet
938Kb / 7P
   HA / HD60 Series
HD60125K-10 CRYDOM-HD60125K-10 Datasheet
938Kb / 7P
   HA / HD60 Series
logo
NEC
A1080A NEC-A1080A Datasheet
108Kb / 2P
   Scalable HA Server Series
logo
Faraday Technology
HA7425FP FARADAY-HA7425FP Datasheet
198Kb / 2P
   HA SERIES HDTV FILTERS
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
Tyco Electronics
2-1105100-1 MACOM-2-1105100-1 Datasheet
52Kb / 1P
   PIN CONTACT SERIES HA. HE. HVE
2-1105101-2 MACOM-2-1105101-2 Datasheet
81Kb / 1P
   SOCKET CONTACT SERIES HA. HE. HVE
2-1105100-2 MACOM-2-1105100-2 Datasheet
52Kb / 1P
   PIN CONTACT SERIES HA. HE. HVE
2-1105101-1 MACOM-2-1105101-1 Datasheet
81Kb / 1P
   SOCKET CONTACT SERIES HA. HE. HVE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com