Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2962 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2962
Description  DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2962 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2962 Datasheet HTML 1Page - Allegro MicroSystems 2962 Datasheet HTML 2Page - Allegro MicroSystems 2962 Datasheet HTML 3Page - Allegro MicroSystems 2962 Datasheet HTML 4Page - Allegro MicroSystems 2962 Datasheet HTML 5Page - Allegro MicroSystems 2962 Datasheet HTML 6Page - Allegro MicroSystems 2962 Datasheet HTML 7Page - Allegro MicroSystems 2962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2962
DUAL PWM
SOLENOID/MOTOR DRIVER
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, T
J
+150
°C, V
CC
= 45 V, V
SENSE
= 0 V (unless
otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating
20
45
V
Output Drivers
Output Leakage Current
ICEX
VIN = 2.4 V, VSOURCE = 0 V
<-1.0
-100
µA
VIN = 2.4 V, VSINK = 45 V
<1.0
100
µA
Output Saturation Voltage
VCE(SAT)
Source Drivers, ILOAD = 3.0 A
2.1
2.3
V
Source Drivers, ILOAD = 1.0 A
1.7
2.0
V
Sink Drivers, ILOAD = 3.0 A
1.7
2.0
V
Sink Drivers, ILOAD = 1.0 A
1.1
1.3
V
Output Sustaining Voltage
VCE(sus)
IOUT =
±3.0 A, L = 3.5 mH
45
V
Output Current Regulation
∆IOUT
VTHS = 0.6 V to 1.0 V, L = 3.5 mH
±25
%
VTHS = 1.0 V to 2.0 V, L = 3.5 mH
±10
%
VTHS = 2.0 V to 5.0 V, L = 3.5 mH
±5.0
%
Clamp Diode Forward Voltage
VF
IF = 3.0 A
1.7
2.0
V
Output Rise Time
tr
ILOAD = 3.0 A, 10% to 90%, Resistive Load
0.5
1.0
µs
Output Fall Time
tf
ILOAD = 3.0 A, 90% to 10%, Resistive Load
0.5
1.0
µs
Control Logic
Logic Input Voltage
VIN(1)
2.4
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN = 2.4 V
1.0
10
µA
IIN(0)
VIN = 0.8 V
-20
-100
µA
ITHS(ON)
VTHS
≥ 500 mV, VSENSE ≤ VTHS/10.5
-2.0
µA
ITHS(HYS)
VSENSE
≥ VTHS/9.5, VTHS = 0.6 V to 5.0 V
140
200
260
µA
VTHS/VSENSE Ratio
At Trip Point, VTHS = 2.0 V to 5.0 V
9.5
10
10.5
Supply Current
lCC
VIN = 2.4 V, Outputs Off
8.0
12
mA
VIN = 0.8 V, Outputs Open
25
40
mA
Propagation Delay Time
tpd
50% VIN to 50% VOUT, Turn Off
2.5
µs
50% VIN to 50% VOUT, Turn On
3.0
µs
100% VSENSE to 50% VOUT*
3.0
µs
* Where VSENSE
≥ VTHS/9.5
NOTE: Negative current is defined as coming out of (sourcing) the specified device pin.
(Total Device)
(Resistive Load)


Similar Part No. - 2962

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2962 KR-2962 Datasheet
69Kb / 3P
   70 MHz Center Frequency
logo
Heyco.
2962 HEYCO-2962 Datasheet
111Kb / 1P
   Connector Caps and Plugs
logo
PHOENIX CONTACT
2962023 PHOENIX-2962023 Datasheet
132Kb / 4P
   UM-16 RELS/KSR-G24/ 1/N/PE/PLC
2962036 PHOENIX-2962036 Datasheet
130Kb / 4P
   UM-16 RELS/KSR-G24/1/NPE/E/PLC
2962191 PHOENIX-2962191 Datasheet
128Kb / 4P
   UM-16 RELS/KSR-G24/21-21/PLC
More results

Similar Description - 2962

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
   Pulse Width Modulated Control Circuit
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
   Pulse Width Modulated Control Circuit
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
   Pulse Width Modulated Amplifier
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com