Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT4851ADR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part No. MC74HCT4851ADR2G
Description  Analog Multiplexers/ Demultiplexers with
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4851ADR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HCT4851ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 11Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC74HCT4851A, MC74HCT4852A
http://onsemi.com
8
Figure 15. Propagation Delays, Analog In
to Analog Out
Figure 16. Propagation Delay, Test Set−Up
Analog In to Analog Out
Figure 17. Propagation Delays, Enable to
Analog Out
Figure 18. Propagation Delay, Test Set−Up
Enable to Analog Out
VCC
GND
ANALOG
IN
(VI)
ANALOG
OUT
50%
tPLH
tPHL
50%
ON
6
8
16
VCC
CL*
*Includes all probe and jig capacitance
TEST
POINT
COMMON O/I
ANALOG I/O
ON/OFF
6
8
ENABLE
VCC
ENABLE
(VI)
90%
VM
10%
tf
tr
VCC
GND
ANALOG
OUT
tPZL
ANALOG
OUT
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
ANALOG I/O
CL*
TEST
POINT
16
VCC
10k
W
1
2
1
2
POSITION 1 WHEN TESTING tPHZ AND tPZH
POSITION 2 WHEN TESTING tPLZ AND tPZL
Figure 19. Power Dissipation Capacitance,
Test Set−Up
ON/OFF
6
8
16
VCC
CHANNEL SELECT
NC
COMMON O/I
OFF/ON
ANALOG I/O
VCC
A
11
VCC
VI = GND to 3.0 V
VM = 1.3 V
VI = GND to 3.0 V
VM = 1.3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn