Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT4851ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part No. MC74HCT4851ADR2G
Description  Analog Multiplexers/ Demultiplexers with
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4851ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74HCT4851ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC74HCT4851A, MC74HCT4852A
http://onsemi.com
7
Figure 9. On Resistance Test Set−Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
-
ANALOG IN
COMMON OUT
GND
Figure 10. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
OFF
OFF
6
8
16
COMMON O/I
VCC
VIH
NC
A
VCC
VEE
VCC
Figure 11. Maximum Off Channel Leakage Current,
Common Channel, Test Set−Up
OFF
OFF
6
8
16
COMMON O/I
VCC
VIH
ANALOG I/O
VCC
VEE
VCC
Figure 12. Maximum On Channel Leakage Current,
Channel to Channel, Test Set−Up
ON
OFF
6
8
16
COMMON O/I
VCC
VIL
VCC
VEE
VCC
N/C
A
ANALOG I/O
Figure 13. Propagation Delays, Channel Select
to Analog Out
Figure 14. Propagation Delay, Test Set−Up Channel
Select to Analog Out
VCC
GND
CHANNEL
SELECT
(VI)
ANALOG
OUT
50%
tPLH
tPHL
VM
ON/OFF
6
8
16
VCC
CL*
*Includes all probe and jig capacitance
CHANNEL SELECT
TEST
POINT
COMMON O/I
OFF/ON
ANALOG I/O
VCC
VI = GND to 3.0 V
VM = 1.3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn