Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC240A Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74HC240A
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC240A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC240A Datasheet HTML 1Page - ON Semiconductor MC74HC240A Datasheet HTML 2Page - ON Semiconductor MC74HC240A Datasheet HTML 3Page - ON Semiconductor MC74HC240A Datasheet HTML 4Page - ON Semiconductor MC74HC240A Datasheet HTML 5Page - ON Semiconductor MC74HC240A Datasheet HTML 6Page - ON Semiconductor MC74HC240A Datasheet HTML 7Page - ON Semiconductor MC74HC240A Datasheet HTML 8Page - ON Semiconductor MC74HC240A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 12
1
Publication Order Number:
MC74HC240A/D
MC74HC240A
Octal 3-State Inverting
Buffer/Line Driver/Line
Receiver
High−Performance Silicon−Gate CMOS
The MC74HC240A is identical in pinout to the LS240. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This octal noninverting buffer/line driver/line receiver is designed
to be used with 3−state memory address drivers, clock drivers, and
other sub−oriented systems. The device has inverting outputs and two
active−low output enables.
The HC240A is similar in function to the HC244A.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 120 FETs or 30 Equivalent Gates
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
http://onsemi.com
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
HC240A
AWLYYWWG
HC
240A
ALYWG
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HC240A
AWLYWWG
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HC240AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC74HC240A

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC74HC240A MOTOROLA-MC74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
MC74HC240ADT ONSEMI-MC74HC240ADT Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
MC74HC240ADTR2 ONSEMI-MC74HC240ADTR2 Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
MC74HC240ADTR2G ONSEMI-MC74HC240ADTR2G Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
More results

Similar Description - MC74HC240A

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
System Logic Semiconductor
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
Motorola, Inc
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
Integral Corp.
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
Integral Corp.
Integral Corp.
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com