Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7173-8 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7173-8
Description  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7173-8 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7173-8 Datasheet HTML 6Page - Analog Devices AD7173-8 Datasheet HTML 7Page - Analog Devices AD7173-8 Datasheet HTML 8Page - Analog Devices AD7173-8 Datasheet HTML 9Page - Analog Devices AD7173-8 Datasheet HTML 10Page - Analog Devices AD7173-8 Datasheet HTML 11Page - Analog Devices AD7173-8 Datasheet HTML 12Page - Analog Devices AD7173-8 Datasheet HTML 13Page - Analog Devices AD7173-8 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AD7173-8
Data Sheet
Pin
No.
Mnemonic
Type1
Description
15
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register identifying
the appropriate register. Data is clocked in on the rising edge of SCLK.
16
SCLK
DI
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. SCLK has a Schmitt
trigger input, making the interface suitable for opto-isolated applications.
17
CS
DI
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC
in systems with more than one device on the serial bus. CS can be hardwired low, allowing the ADC to operate
in 3-wire mode with SCLK, DIN, and DOUT used to interface with the device. When CS is high, the
DOUT/RDY output is tristated.
18
ERROR
DI/O
This pin can be used in one of the following three modes:
Active low error input mode. This mode sets the ADC_ERROR bit in the STATUS register.
Active low, open-drain error output mode. The STATUS register error bits are mapped to the ERROR pin.
The ERROR pins of multiple devices can be wired together to a common pull-up resistor so that an error on
any device can be observed.
General-purpose output mode. The status of the pin is controlled by the ERR_DAT bit in the GPIOCON register.
The pin is referenced between IOVDD and DGND, as opposed to the AVDD1 and AVSS levels used by the
GPIO1 and GPIO2 pins. The ERROR pin has an active pull-up in this case.
19
SYNC
DI
Synchronization Input. Allows synchronization of the digital filters and analog modulators when using
multiple AD7173-8 devices.
20
IOVDD
P
Digital I/O Supply Voltage. IOVDD voltage ranges from 2 V to 5 V. IOVDD is independent of AVDD1 and
AVDD2. For example, IOVDD can be operated at 3.3 V when AVDD1 or AVDD2 equals 5 V, or vice versa. If
AVSS is set to −2.5 V, the voltage on IOVDD must not exceed 3.6 V.
21
DGND
P
Digital Ground.
22
REGCAPD
AO
Digital LDO Regulator Output. This pin is for decoupling purposes only. Decouple this pin to DGND using
a 1 µF capacitor.
23
GPIO0
DI/O
General-Purpose Input/Output. Logic input/output on this this pin is referred to the AVDD1 and AVSS supplies.
24
GPIO1
DI/O
General-Purpose Input/Output. Logic input/output on this this pin is referred to the AVDD1 and AVSS supplies.
25
GPO2
DO
General-Purpose Output. Logic output on this this pin is referred to the AVDD1 and AVSS supplies.
26
AIN4
AI
Analog Input 4. Selectable through cross point mux.
27
AIN5
AI
Analog Input 5. Selectable through cross point mux.
28
AIN6
AI
Analog Input 6. Selectable through cross point mux.
29
AIN7
AI
Analog Input 7. Selectable through cross point mux.
30
AIN8
AI
Analog Input 8. Selectable through cross point mux.
31
AIN9
AI
Analog Input 9. Selectable through cross point mux.
32
AIN10
AI
Analog Input 10. Selectable through cross point mux.
33
AIN11
AI
Analog Input 11. Selectable through cross point mux.
34
AIN12
AI
Analog Input 12. Selectable through cross point mux.
35
AIN13
AI
Analog Input 13. Selectable through cross point mux.
36
AIN14
AI
Analog Input 14. Selectable through cross point mux.
37
AIN15
AI
Analog Input 15. Selectable through cross point mux.
38
GPO3
DO
General-Purpose Output. Logic output on this this pin is referred to the AVDD1 and AVSS supplies.
39
REF−
AI
Reference 1 Input Negative Terminal. REF− can span from AVSS to AVDD1 − 1 V. Reference 1 can be
selected through the REFSEL bits in the SETUP CONFIGURATION register.
40
REF+
AI
Reference 1 Input Positive Terminal. An external reference can be applied between REF+ and REF−. REF+
can span from AVDD1 to AVSS + 1 V. Reference 1 can be selected through the REFSEL bits in the SETUP
CONFIGURATION register.
EP
P
Exposed Pad. The exposed pad should be soldered to a similar pad on the PCB under the exposed paddle
to confer mechanical strength to the package and for heat dissipation. The exposed pad must be connected
to AVSS through this pad on the PCB.
1
AI = analog input, AO = analog output, DI/O = bidirectional digital input/output, DO = digital output, DI = digital input, P = power supply.
Rev. 0 | Page 10 of 64


Similar Part No. - AD7173-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Similar Description - AD7173-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com