Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-141-8 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 4-141-8
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-8 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 4-141-8 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
41
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 1340 brushpen
Fibrepen with brush-like tip
for variable stroke width,
water-based ink.
Colours: 001–012.
Order no.
Box of 10 in each colour.
4-1340xxx*
1340/12 S Box with 12 pens.
Order no.
Colours: 001–012.
4-1340-12
edding 1255 calligraphy pen
Fibrepen with calligraphy tip,
available in 3 stroke widths,
water-based ink.
Colours: 001–003, 018.
Stroke width approx. 2.0 mm.
Order no.
Box of 10 in each colour.
4-125520xxx*
Stroke width approx. 3.5 mm.
Order no.
Box of 10 in each colour.
4-125535xxx*
Stroke width approx. 5.0 mm.
Order no.
Box of 10 in each colour.
4-125550xxx*
1255/3 S Wallet with 1 pen 2.0, 3.5, 5.0.
Order no.
Colours: 001–003, 018.
4-1255-3xxx*
018
003
002
001
010
009
008
012
007
011
006
005
004
003
002
001
variable
edding 1300 color pen
Fibrepen with bullet tip, water-based ink.
Colours: 001–022, 025–032, 034–036,
038, 040, 041, 043, 045, 046, 048.
Order no.
Box of 10 in each colour.
4-1300xxx*
From colour 013 onwards: Box of 5 in each colour.
1300/10 S Metal box with 10 pens.
Order no.
Colours: 001–010.
4-1300-10
1300/20 S Metal box with 20 pens.
Order no.
Colours: 001–012, 014–020, 028.
4-1300-20
1300/40 S Metal box with 40 pens.
Colours: 001–022, 025–032, 034–036,
Order no.
038, 040, 041, 043, 045, 046, 048.
4-1300-40
010
009
008
007
006
005
004
003
002
001
020
019
018
017
016
015
014
013
012
011
032
031
030
029
028
027
026
025
022
021
048
046
045
043
041
040
038
036
035
034
~3 mm
~2+3.5+5 mm
edding 40 watercolor marker
Fibrepen with chisel tip,
water-based ink.
Colours: 001–012.
Order no.
Box of 10 in each colour.
4-40xxx*
40/12 S Tub with 12 markers.
Order no.
Colours: 001–012.
4-40-12
010
009
008
012
007
011
006
005
004
003
002
001
~2–5 mm


Similar Part No. - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-34W ETC2-4-141-34W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-W ETC2-4-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-Y ETC2-4-141-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com