Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-141-4 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 4-141-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-4 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 4-141-4 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 18Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 19Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 20Page - List of Unclassifed Manufacturers 4-141-4 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
17
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
LIQUID-INK-PENS
Ink-feed system for flowing, even handwriting. Large-capacity reservoir means ink will last a long time before
you need to refill. Small window for checking the ink level. Elegantly-shaped design with practical clip.
edding 67/77 roller
Rollerball with metal-framed roller tip,
water-based ink.
edding 77: cap with stainless-steel clip.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-67xxx*
4-77xxx*
004
003
002
001
edding 68/78 liner
Fineliner with round tip,
water-resistant, lightfast pigment ink.
Ideal for documents and signing.
edding 78: cap with stainless-steel clip.
Colours: 001–004, document-proof.
Order no.
Box of 10 in each colour.
4-68xxx*
4-78xxx*
004
003
002
001
edding 69/79 microtec
Rollerball with metal-framed micro-roller tip,
water-based ink.
edding 79: cap with stainless-steel clip.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-69xxx*
4-79xxx*
004
003
002
001
edding 66/76 highlighter
Highlighter with chisel tip,
water-based ink with brilliant colours.
Suitable for virtually all copier and fax papers.
edding 76: cap with stainless-steel clip.
Neon colours: 002, 005, 010, 011.
Order no.
Box of 10 in each colour.
4-66xxx*
4-76xxx*
011
010
005
002
~1–4 mm
~0.6 mm
~0.4 mm
~0.4 mm


Similar Part No. - 4-141-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-34W ETC2-4-141-34W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-W ETC2-4-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-Y ETC2-4-141-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-141-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com