Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-140-6 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 4-140-6
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-6 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 4-140-6 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 12Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 18Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
15
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 66/76
Highlighter with chisel tip,
water-based ink with brilliant colours.
edding 76 cap with stainless-steel clip.
Neon colours: 002, 005, 010, 011.
Order no.
Box of 10 in each colour.
4-66xxx*
4-76xxx*
011
010
005
002
~1–4 mm
edding 230
Highlighter with chisel tip,
water-based ink with brilliant colours.
Neon colours:
002, 005, 006, 009, 010, 011.
Order no.
Box of 10 in each colour.
4-230xxx*
Refill cartridge system.
To activate insert cartridge, shake pen
and after approx. 3 mins it is ready to use.
Refill when completely dry.
011
010
009
006
005
002
~1–5 mm
edding retract 34
Highlighter with chisel tip
and push-button mechanism,
water-based ink with brilliant colours.
Highlighter without cap. Reveal tip by simply pressing
the push-button at the end of the marker. Retract tip
by pressing the catch in the clip or by raising the clip
slightly. New retractable seal system prevents the
marker from drying out when the tip is retracted.
Neon colours: 005, 009, 011, refillable.
Order no.
Box of 10 in each colour.
4-34xxx
011
009
005
~1.5–4 mm
edding 340
Highlighter with chisel tip,
water-based ink with brilliant colours.
Neon colours:
002, 005, 006, 009, 010, 011, refillable.
Order no.
Box of 10 in each colour.
4-340xxx*
340/383 N Spare tips.
Order no.
Box of 10.
4-340383N
011
010
009
006
005
002
~2–5 mm


Similar Part No. - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com