Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-140-4 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-4 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 4-140-4 Datasheet HTML 49Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 50Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 51Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 52Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 53Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 54Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 55Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 56Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
53
* = Display dimensions in mm width x depth x height · Colour chart see on page 63.
edding 2000 /2200 permanent markers
Display 51.005
Contents: 30 markers edding 2000 and 30 markers edding 2200.
Colours edding 2000: 18x 001, 5x 002, 5x 003, 2x 004.
Colours edding 2200: 18x 001, 5x 002, 5x 003, 2x 004.
Dimensions: 320 x 145 x 240 mm*
Order no. 4-51005
edding 750/751/753/780 paint markers
Display 50.538
Contents: 22 markers edding 750, 26 markers edding 751,
8 markers edding 753, 27 markers edding 780.
Colours edding 750: 2x 001, 1x 002–010, 2x 049, 3x 053, 3x 054, 3x 055.
Colours edding 751: 3x 001, 1x 002–010, 2x 049, 4x 053, 4x 054, 4x 055.
Colours edding 753: 4x 053, 4x 054.
Colours edding 780: 4x 001, 2x 002–004, 3x 049, 5x 053, 5x 054, 4x 055.
Dimensions: 190 x 147 x 240 mm*
Order no. 4-50538-1
edding 300 / 330 permanent markers
Display 51.003
Contents: 28 markers edding 300 and 28 markers edding 330.
Colours edding 300: 16x 001, 5x 002, 5x 003, 2x 004.
Colours edding 330: 16x 001, 5x 002, 5x 003, 2x 004.
Dimensions: 320 x 145 x 240 mm*
Order no. 4-51003
edding retract 34 highlighters
Display 51.512
Contents: 20 highlighters edding retract 34.
Colours: 12x 005, 4x 009, 4x 011.
Dimensions: 280 x 185 x 226 mm*
Order no. 4-51512
edding 345 highlighters
Display 50.491
Contents: 63 highlighters edding 345.
Colours: 18x 005, 9x 006, 9x 009–012.
Dimensions: 290 x 220 x 395 mm*
Order no. 4-50491
OFFICE


Similar Part No. - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com