Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-140-4 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-4 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 4-140-4 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 33Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 34Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
33
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
PERMANENT MARKERS
High-quality classics from edding ideal for writing, marking and labelling almost all materials, including metal, plastic
and glass. Light-fast, quick-drying ink. Waterproof and wear-resistant on almost all surfaces. Almost all models refillable.
Low-odour ink with no added toluene/xylene.
edding retract 11
Permanent marker with bullet tip
and push-button mechanism,
permanent, low-odour ink.
Permanent marker without cap. Reveal tip
by simply pressing the push-button at the
end of the marker. Retract tip by pressing
the catch in the clip or by raising the clip slightly.
New retractable seal system prevents the marker
from drying out when the tip is retracted.
Colours: 001-004, refillable.
Order no.
Box of 10 in each colour.
4-11xxx*
Refill ink for edding retract 11 see on page 9.
004
003
002
001
~1.5–3 mm
edding 2000 / 2000 C
Permanent marker with bullet tip,
permanent, low-odour ink.
edding 2000
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2000xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2000999
edding 2000 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2000Cxxx*
2000 C/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-2000C-4
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
Refill ink for edding 2000/2000 C see on page 9.
009
008
007
010
006
005
004
003
002
001
edding 2200 / 2200 C
Permanent marker with chisel tip,
permanent, low-odour ink.
edding 2200
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2200xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2200999
edding 2200 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2200Cxxx*
No.1/3300 N Spare tips.
Order no.
Box of 10.
4-3300N
Refill ink for edding 2200/2200 C see on page 9.
009
008
007
010
006
005
004
003
002
001
~1.5–3 mm
004
003
002
001
004
003
002
001
~1–5 mm


Similar Part No. - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com