Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6620-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6620-EVALZ
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6620-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6620-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 6 of 52
RF INPUT TO MIXER OUTPUT SPECIFICATIONS
VCCx = 5 V, TA = 25°C, high-side LO injection, fIF = 200 MHz, external LO frequency, and RF attenuation = 0 dB, unless otherwise noted.
Mixer settings configured for maximum linearity (see Table 16). All losses from input and output traces and baluns are de-embedded
from results.
Table 4. RF Switch + Balun + RF Attenuator + Mixer
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE GAIN
Differential 255 Ω load
−4
dB
MIXER OUTPUT IMPEDANCE
Differential (see
Figure 87)
255
Ω
DYNAMIC PERFORMANCE AT
fRF= 900 MHz
Voltage Conversion Gain
−2
dB
Input P1dB
17
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
65
dBm
Noise Figure
15
dB
LO to RF Leakage
−70
dBm
RF to LO Leakage
−60
dBc
LO to IF Leakage
−32
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−45
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−52
dBc
DYNAMIC PERFORMANCE AT
fRF =1900 MHz
Voltage Conversion Gain
−3
dB
Input P1dB
17
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
62
dBm
Noise Figure
17
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−50
dBc
LO to IF Leakage
−35
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−43
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−47
dBc
DYNAMIC PERFORMANCE AT
fRF = 2100 MHz
Voltage Conversion Gain
−3.5
dB
Input P1dB
18
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
54.5
dBm
Noise Figure
18
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−40
dBc
LO to IF Leakage
−35
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−40
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−45
dBc
DYNAMIC PERFORMANCE AT
fRF = 2700 MHz
Voltage Conversion Gain
−4.7
dB
Input P1dB
19
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
56
dBm
Noise Figure
21
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−45
dBc
LO to IF Leakage
−40
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−42
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−41
dBc
1 Isolation between RF inputs. An input signal was applied to RFIN0 while RFIN1 to RFIN3 were terminated with 50 Ω. The IF signal amplitude was measured at the mixer
output. The internal switch was then configured for RFIN3, and the feedthrough was measured as a delta from the fundamental.


Similar Part No. - ADRF6620-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601-EVALZ AD-ADRF6601-EVALZ Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601ACPZ-R7 AD-ADRF6601ACPZ-R7 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6620-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6612 AD-ADRF6612 Datasheet
2Mb / 57P
   700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
ADRF6614 AD-ADRF6614 Datasheet
2Mb / 61P
   700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com