Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL17SV04XV5T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NL17SV04XV5T2G
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL17SV04XV5T2G Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SV04
http://onsemi.com
4
AC CHARACTERISTICS (Input tr = tf = 3.0 nS)
−40°C
25°C
85°C
Symbol
Parameter
Condition
VCC
Min
Typ
Max
Min
Max
Units
TPHL,
TPLH
Propagation Delay
CL = 15 pF, RL = 1.0 MW
0.90
12
nS
CL = 15 pF, RL = 2.0 kW
1.10 ≤ VCC ≤ 1.30
1.40 ≤ VCC ≤ 1.60
2.0
1.0
6.0
3.2
9.0
5.1
1.0
1.0
13.9
6.0
nS
CL = 30 pF, RL = 500 W
1.65 ≤ VCC ≤ 1.95
2.30 ≤ VCC ≤ 2.70
2.70 ≤ VCC ≤ 3.60
1.0
0.8
0.7
2.0
1.2
1.0
4.2
2.7
2.3
1.0
0.7
0.6
5.2
3.4
2.8
nS
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.5
pF
CPD
Power Dissipation
Capacitance
VI = 0 V or VCC
F = 10 MHz
0.90 to 3.60
20
pF
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
Junction Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn