Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4688DMU25TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4688DMU25TCG
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DMU25TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4688DMU25TCG Datasheet HTML 1Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 2Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 3Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 4Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 5Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 6Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 7Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 8Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP4688
http://onsemi.com
3
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOT−23−5
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, mDFN 1x1
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Table 4. ELECTRICAL CHARACTERISTICS
(−40°C ≤ TA ≤ 85°C; CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TA = +25°C.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
1.2 V < Vout < 4.8 V
VIN
2.0
5.25
V
Output Voltage
Ta = 25°C, Vout > 2.0 V
VOUT
x0.99
x1.01
V
−40°C < Ta < 85°C, Vout > 2.0 V
x0.985
x1.015
V
Ta = 25°C, Vout ≤ 2.0 V
−20
+20
mV
−40°C < Ta < 85°C, Vout ≤ 2.0 V
−30
+30
mV
Output Voltage Temp.
Coefficient
−40°C < Ta < 85°C
±100
ppm/°C
Line Regulation
Set Vout + 0.3 < VIN < 5.25 V Vout > 4.1 V
LineReg
0.02
0.10
%/V
Set Vout + 0.5 < VIN < 5.0 V
1.7 V ≤ VOUT < 4.1 V
2.2 < VIN < 5.0 V
Vout < 1.7 V
Load Regulation
1 mA < IOUT ≤ 150 mA
LoadReg
−14
0
14
mV
Dropout Voltage
IOUT = 150 mA
1.2 V ≤ VOUT < 1.3 V
VDO
0.39
0.80
V
1.3 V ≤ VOUT < 1.4 V
0.37
0.70
1.4 V ≤ VOUT ≤ 1.5 V
0.34
0.60
1.5 V ≤ VOUT < 1.7 V
0.32
0.50
1.7 V ≤ VOUT < 2.0 V
0.29
0.41
2.0 V ≤ VOUT < 2.5 V
0.25
0.36
2.5 V ≤ VOUT < 2.8 V
0.22
0.31
2.8 V ≤ VOUT ≤ 4.8 V
0.20
0.28
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
40
mA
Quiescent Current
Iout = 0 mA
Vout > 4.1 V
IQ
80
100
mA
Vout ≤ 4.1 V
75
Standby Current
VIN = VIN max , VCE = 0 V
ISTB
0.1
1.0
mA
CE Pin Pull−Down Current
IPD
0.3
0.6
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
VIN
V
CE Input Voltage “L”
VCEL
0.4
Power Supply
Rejection Ratio
VOUT > 4.1 V @ VIN = 5.25 V,
VOUT ≤ 4.1 V @ VIN =
Set VOUT + 1.0 V,
ΔVIN_PK−PK = 0.2 V,
IOUT = 30 mA
f = 1 kHz
PSRR
80
dB
f = 10 kHz
75
f = 100 kHz
65
Output Noise Voltage
IOUT = 30 mA, f = 10 Hz to 100 kHz
VNOISE
10
mVrms
Autodischarge NMOS
Resistance
VIN = 4.0 V, VCE = 0.0 V
RDSON
60
ohm


Similar Part No. - NCP4688DMU25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DMU25TCG ONSEMI-NCP4688DMU25TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DMU25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com