Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4688DSN28T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4688DSN28T1G
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DSN28T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4688DSN28T1G Datasheet HTML 1Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 2Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 3Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 4Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 5Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 6Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 7Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 8Page - ON Semiconductor NCP4688DSN28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP4688
http://onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
Current Limit
Vin
GND
Vref
CE
Vout
Noise Reduction
NCP4688xxxx
Current Limit
Vin
GND
Vref
CE
Vout
Noise Reduction
NCP4688D
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
SOT−23−5
Pin No.
DFN 1x1
Pin Name
Description
1
4
VIN
Input pin
2
2
GND
Ground pin
3
3
CE
Chip enable pin (“H” active)
4
NC
Non connected
5
1
VOUT
Output pin
*EP
EP
Exposed Pad (leave floating or connect to GND)
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VIN
0 − 6 V
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
0 − 6 V
V
Power Dissipation SOT−23−5
PD
420
mW
Power Dissipation mDFN 1.0 x 1.0 mm
400
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 1)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 1)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78


Similar Part No. - NCP4688DSN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DSN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com