Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZV2K200C001A00 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # TZV2K200C001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZV2K200C001A00 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button TZV2K200C001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. TZV2K200C001A00 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
10
2
Continued from the preceding page.
s Frequency Characteristics
TZS2R200
R200
Q
1000
100
200
1000
600
800
400
10
1
1000
100
10
Frequency (MHz)
s Land Pattern
3.2
2.1
Tolerance:
±0.1
in mm
s Temperature Profile
230
183
100
0
20 sec. max.
60 sec. to 120 sec.
(Solder melting zone)
Preheating (in air)
Gradual Cooling
(in air)
Solderring
s Screwdriver and Screwdriver Bit
Screwdriver for Manual Adjustment
Murata Part No. : KMDR050
Please use the following recommended screwdriver.
You can order this driver with below part number.
Though you can also adjust the capacitance value by
commercial products, please use one which has the same
head size as the below driver.
(in mm)
(in mm)
Screwdriver Bit for Automatic Adjustment
Murata Part No. : KMBT050
Bit shape ; Quadrangle (0.54
×0.54)
80
1.5
20
2
Bit shape ; Quadrangle (0.54
×0.54)


Similar Part No. - TZV2K200C001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZV2KA001B00 MURATA-TZV2KA001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZV2KB001B00 MURATA-TZV2KB001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZV2KE001B00 MURATA-TZV2KE001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZV2KF001B00 MURATA-TZV2KF001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZV2KN001B00 MURATA-TZV2KN001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
More results

Similar Description - TZV2K200C001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com