Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2890DMR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP2890DMR2G
Description  1.0 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2890DMR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP2890DMR2G Datasheet HTML 1Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 2Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 3Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 4Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 5Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 6Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 7Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 8Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP2890, NCV2890
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS Limits apply for TA between −40°C to +85°C (Unless otherwise noted).
Characteristic
Symbol
Conditions
Min
(Note 6)
Typ
Max
(Note 6)
Unit
Supply Quiescent Current
Idd
Vp = 2.6 V, No Load
Vp = 5.0 V, No Load
1.5
1.7
4
mA
Vp = 2.6 V, 8 W
Vp = 5.0 V, 8 W
1.7
1.9
5.5
Common Mode Voltage
Vcm
Vp/2
V
Shutdown Current
ISD
10
600
nA
Shutdown Voltage High
VSDIH
1.2
V
Shutdown Voltage Low
VSDIL
0.4
V
Turning On Time (Note 8)
TWU
Cby = 1 mF
285
ms
Output Swing
Vloadpeak
Vp = 2.6 V, RL = 8.0 W
Vp = 5.0 V, RL = 8.0 W (Note 7)
2.0
4.0
2.12
4.15
V
Rms Output Power
PO
Vp = 2.6 V, RL = 4.0 W
THD + N < 0.1%
Vp = 2.6 V, RL = 8.0 W
THD + N < 0.1%
Vp = 5.0 V, RL = 8.0 W
THD + N < 0.1%
0.36
0.28
1.08
W
Maximum Power Dissipation (Note 8)
PDmax
Vp = 5.0 V, RL = 8.0 W
0.65
W
Output Offset Voltage
VOS
Vp = 2.6 V
Vp = 5.0 V
−30
30
mV
Signal−to−Noise Ratio
SNR
Vp = 2.6 V, G = 2.0
10 Hz < F < 20 kHz
Vp = 5.0 V, G = 10
10 Hz < F < 20 kHz
84
77
dB
Positive Supply Rejection Ratio
PSRR V+
G = 2.0, RL = 8.0 W
Vpripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
F = 217 Hz
Vp = 5.0 V
Vp = 3.0 V
Vp = 2.6 V
F = 1.0 kHz
Vp = 5.0 V
Vp = 3.0 V
Vp = 2.6 V
−64
−72
−73
−64
−74
−75
dB
Efficiency
h
Vp = 2.6 V, Porms = 320 mW
Vp = 5.0 V, Porms = 1.0 W
48
63
%
Thermal Shutdown Temperature (Note 9)
Tsd
140
160
180
°C
Total Harmonic Distortion
THD
Vp = 2.6, F = 1.0 kHz
RL = 4.0 W, AV = 2.0
PO = 0.32 W
Vp = 5.0 V, F = 1.0 kHz
RL = 8.0 W, AV = 2.0
PO = 1.0 W
0.04
0.02
%
6. Min/Max limits are guaranteed by design, test or statistical analysis.
7. This parameter is not tested in production for 9−Pin Flip−Chip CSP package in case of a 5.0 V power supply.
8. See page 11 for a theoretical approach of this parameter.
9. For this parameter, the Min/Max values are given for information.


Similar Part No. - NCP2890DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890DMR2G ONSEMI-NCP2890DMR2G Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890DMR2G ONSEMI-NCP2890DMR2G Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2890DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890_06 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
   1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com