Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2890DMR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP2890DMR2G
Description  1.0 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2890DMR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2890DMR2G Datasheet HTML 1Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 2Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 3Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 4Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 5Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 6Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 7Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 8Page - ON Semiconductor NCP2890DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP2890, NCV2890
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. THD + N versus Frequency
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
Figure 2. THD + N versus Frequency
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
Vp = 5 V
RL = 8 W
Pout = 250 mW
AV = 2
Vp = 3.3 V
RL = 8 W
Pout = 150 mW
AV = 2
Figure 3. THD + N versus Frequency
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
Figure 4. THD + N versus Frequency
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
Vp = 3 V
RL = 8 W
Pout = 250 mW
AV = 2
Vp = 2.6 V
RL = 8 W
Pout = 100 mW
AV = 2
Figure 5. THD + N versus Frequency
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
Figure 6. THD + N versus Power Out
0
200
400
1000
1400
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 2.6 V
RL = 4 W
Pout = 100 mW
AV = 2
Vp = 5 V
RL = 8 W
1 kHz
AV = 2
1
600
800
1200
0.01
0.01
0.01
0.01
0.01
0.01


Similar Part No. - NCP2890DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890DMR2G ONSEMI-NCP2890DMR2G Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890DMR2G ONSEMI-NCP2890DMR2G Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2890DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890_06 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
   1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com