Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZC3R200C001A00 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # TZC3R200C001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZC3R200C001A00 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button TZC3R200C001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. TZC3R200C001A00 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
9
2
s Temperature Characteristics
TZS2Z060
+8
+6
+4
+2
20
0
−10
−25
45
65
85
−2
−4
−6
−8
−10
−12
0
Z060 (NP0
±300 ppm/˚C)
Temp.(˚C)
TZS2Z100
+8
+6
+4
+2
20
0
−10
−25
45
65
85
−2
−4
−6
−8
−10
−12
0
Z100 (NP0
±300 ppm/˚C)
Temp.(˚C)
TZS2R200
+8
+6
+4
+2
20
0
−10
−25
45
65
85
−2
−4
−6
−8
−10
−12
0
R200 (N750
±500 ppm/˚C)
Temp.(˚C)
s Frequency Characteristics
TZS2Z060
Z060
Q
1000
100
500
1000
1500
2000
10
1
1000
100
10
Frequency (MHz)
TZS2Z100
Z100
Q
1000
100
200
600
400
800
1000
10
1
1000
100
10
Frequency (MHz)
Continued on the following page.


Similar Part No. - TZC3R200C001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZC3R100A110 MURATA-TZC3R100A110 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZC3R100A110 MURATA-TZC3R100A110 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZC3R100A110B00 MURATA-TZC3R100A110B00 Datasheet
195Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZC3R100A110B00 MURATA1-TZC3R100A110B00 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3R100A110B00 MURATA1-TZC3R100A110B00_V01 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
More results

Similar Description - TZC3R200C001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com