Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2919 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2919
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2919 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2919 Datasheet HTML 1Page - Allegro MicroSystems 2919 Datasheet HTML 2Page - Allegro MicroSystems 2919 Datasheet HTML 3Page - Allegro MicroSystems 2919 Datasheet HTML 4Page - Allegro MicroSystems 2919 Datasheet HTML 5Page - Allegro MicroSystems 2919 Datasheet HTML 6Page - Allegro MicroSystems 2919 Datasheet HTML 7Page - Allegro MicroSystems 2919 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2919
DUAL FULL-BRIDGE
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
A2919SLB
PWM CURRENT-CONTROL CIRCUITRY
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
GROUND
GROUND
GROUND
GROUND
02
I
12
I
PHASE 2
VREF 2
2
RC
VCC
1
RC
V
REF 1
PHASE 1
11
I
2B
OUT
SENSE 2
2
E
2A
OUT
1A
OUT
1
E
SENSE 1
1B
OUT
01
I
LOAD SUPPLY
LOGIC SUPPLY
θ
1
θ
2
Dwg. PP-047
2
1
50
75
100
125
150
5
1
0
TEMPERATURE IN
°C
4
3
2
25
Dwg. GP-049A
R
= 6.0
°C/W
θJT
SUFFIX 'B', R
= 40
°C/W
θJA
SUFFIX 'LB', R
= 55
°C/W
θJA
TRUTH TABLE
PHASE
OUT
A
OUT
B
HH
L
LL
H
VREF
Dwg. EP-007-3
V
BB
SENSE
ONE
SHOT
SOURCE
DISABLE
RC
+
I 0
I1
÷10
E
OUT A
OUTB
'B' PACKAGE,
CHANNEL 1
PIN NUMBERS
SHOWN.
RC
R
S
R
T
C
C
C
T
24
60 k
120 k
42 k
21
1
23
22
14
20
17
15
W
Copyright © 1994 Allegro MicroSystems, Inc.


Similar Part No. - 2919

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2919 ALLEGRO-2919 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
   27 MHz Center Frequency
logo
Allegro MicroSystems
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - 2919

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com