Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1219BD65R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1219BD65R2G
Description  PWM Controller with Adjustable Skip Level and External Latch Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1219BD65R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1219BD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP1219
http://onsemi.com
6
Table 3. ELECTRICAL CHARACTERISTICS (VHV = 60 V, VCC = 11.3 V, VFB = 2 V, VSkip/latch = 0 V, VCS = 0 V, VDRV = open, CCC =
0.1 mF, for typical values TJ = 25°C, for min/max values, TJ is –40°C to 125°C, unless otherwise noted)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Supply Voltage
Startup Threshold
Minimum Operating Voltage
Undervoltage Lockout
Double Hiccup Threshold
Logic Reset Voltage
VCC Increasing
VCC Decreasing
VCC Decreasing
VCC Decreasing
VCC Decreasing
VCC(on)
VCC(MIN)
UVLO
VCC(hiccup)
VCC(reset)
11.2
9.0
8.4
4.9
12.7
9.9
9.4
5.7
4.0
13.8
10.8
10.6
6.3
V
UVLO Filter Delay
tUVLO(delay)
50
ms
Inhibit Threshold Voltage
Iinhibit = 500 mA
Vinhibit
0.35
0.67
0.90
V
Inhibit Bias Current
VCC = 0 V
Iinhibit
100
200
350
mA
Minimum Startup Voltage
Istart = 0.5 mA, VCC = VCC(on) – 0.5 V
Vstart(min)
20
28
V
Startup Current
VCC = VCC (on) – 0.5 V
Istart
5.5
12.8
18.5
mA
Startup Circuit Reverse Current
VHV = 0 V, VCC = 14 V
IHV(reverse)
100
mA
Off−State Leakage Current
VHV = 500 V, VCC = 14 V
IHV(off)
12
50
mA
Breakdown Voltage (Note 5)
IHV = 50 mA
VBR(DS)
500
V
Supply Current
Device Disabled/Fault
Device Enabled/No Switching
Device Switching (65 kHz)
Device Switching (100 kHz)
VSkip/latch = 5.2 V, VFB = open
VSkip/latch = open, VFB = 0 V
VSkip/latch = open, CDRV = 1000 pF
VSkip/latch = open, CDRV = 1000 pF
ICC1
ICC2
ICC3A
ICC3B
0.6
1.4
2.2
2.4
0.8
2.1
2.7
3.2
mA
CURRENT SENSE
Current Sense Voltage Threshold
Apply voltage step on CS pin
VILIM
0.95
1.0
1.05
V
Leading Edge Blanking Duration
tLEB
100
184
330
ns
Propagation Delay
VCS > VILIM to 50% DRV turns off,
CDRV = 1000 pF
tdelay
59
150
ns
Ramp Compensation Peak Current
Iramp(peak)
100
mA
Ramp Compensation Valley Current
Iramp(valley)
0
mA
FEEDBACK INPUT
Open Feedback Voltage
VFB(open)
3.2
3.6
3.9
V
Internal Pull−up Resistance
RFB
16.7
kW
Feedback Pull−up Current
VFB = 0 V
IFB
141
280
392
mA
Feedback to Current Set Point Ratio
Iratio
3.0
SOFT−START
Soft−Start Period
Measured at 0.9 VILIM
tSSTART
4.8
ms
OSCILLATOR
Oscillator Frequency
65 kHz Option
100 kHz Option
TJ = 25_C
TJ = −40_C to 85_C
TJ = −40_C to 125_C
TJ = 25_C
TJ = −40_C to 85_C
TJ = −40_C to 125_C
fOSC
61.75
58
55
95
89
85
65
100
68.25
71
71
105
107
107
kHz
Frequency Modulation in
Percentage of fOSC
±7.5
%
Frequency Modulation Period
6.0
ms
Maximum Duty Ratio
D
75
80
85
%
5. Guaranteed by the IHV(off) test.
6. Guaranteed by design only.


Similar Part No. - NCP1219BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219BD65R2G ONSEMI-NCP1219BD65R2G Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1219BD65R2G ONSEMI-NCP1219BD65R2G Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
More results

Similar Description - NCP1219BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
   Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Maxim Integrated Produc...
MAX22201EVKIT MAXIM-MAX22201EVKIT Datasheet
1Mb / 11P
   Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com