Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950CZ-5.0 Datasheet(PDF) 17 Page - ON Semiconductor

Part # LP2950CZ-5.0
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CZ-5.0 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LP2950CZ-5.0 Datasheet HTML 13Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 14Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 15Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 16Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 17Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 18Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 19Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 20Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
17
xx
= 3.0, 3.3, or 5.0
y
= 3 or 5
yy
= 30, 33, or 50
z
= A or C
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
2950
CZ−xx
ALYWWG
G
TO−92
Z SUFFIX
CASE 029
*
*This marking diagram also applies to NCV2951.
*
50−yG
ALYWW
50A−yG
ALYWW
50−yyG
ALYWW
DPAK
DT SUFFIX
CASE 369C
50AyyG
ALYWW
SOIC−8
D SUFFIX
CASE 751
Micro8
DM SUFFIX
CASE 846A
51CN
AWL
YYWWG
PDIP−8
N SUFFIX
CASE 626
1
8
51z
ALYW
G
1
8
51z−33
ALYW
G
1
8
51z−3
ALYW
G
1
8
PAyy
AYWG
G
1
8
P−yy
AYWG
G
1
8
2950A
CZ−xx
ALYWWG
G
51ACN
AWL
YYWWG
1
8
51CN−xx
AWL
YYWWG
1
8
51ACN−xx
AWL
YYWWG
1
8


Similar Part No. - LP2950CZ-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CZ-5.0 NSC-LP2950CZ-5.0 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Texas Instruments
LP2950CZ-5.0 TI1-LP2950CZ-5.0 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2950CZ-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com