Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576D2T-015 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM2576D2T-015
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-015 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM2576D2T-015 Datasheet HTML 4Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 5Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 6Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 7Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 8Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 9Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 10Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 11Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM2576
http://onsemi.com
8
Figure 15. Typical Test Circuit
D1
MBR360
L1
100
mH
Output
2
4
Feedback
Cout
1000
mF
Cin
100
mF
LM2576
Fixed Output
1
5
3ON/OFF
GN
D
Vin
Load
Vout
D1
MBR360
L1
100
mH
Output
2
4
Feedback
Cout
1000
mF
Cin
100
mF
LM2576
Adjustable
1
5
3ON/OFF
GN
D
Vin
Load
Vout
5,000 V
Fixed Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1.0 )
R2
R1
R2
+ R1
Vout
V
ref
– 1.0
Where Vref = 1.23 V, R1
between 1.0 k and 5.0 k
R2
R1
Cin
100
mF, 75 V, Aluminium Electrolytic
Cout
1000
mF, 25 V, Aluminium Electrolytic
D1
Schottky, MBR360
L1
100
mH, Pulse Eng. PE−92108
R1
2.0 k, 0.1%
R2
6.12 k, 0.1%
7.0 V − 40 V
Unregulated
DC Input
7.0 V − 40 V
Unregulated
DC Input
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate
voltage
transients
which
can
generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 15, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single−point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2
(emitter of the internal switch) of the LM2576 should be
kept to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2576 regulator.


Similar Part No. - LM2576D2T-015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576D2T-015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com