Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G02GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G02GW
Description  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G02GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74AUP1G02 provides the single 2-input NOR function.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.8 V to 3.6 V
High noise immunity
Complies with JEDEC standards:
JESD8-12 (0.8 V to 1.3 V)
JESD8-11 (0.9 V to 1.65 V)
JESD8-7 (1.2 V to 1.95 V)
JESD8-5 (1.8 V to 2.7 V)
JESD8-B (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F Class 3A exceeds 5000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Low static power consumption; ICC = 0.9
μA (maximum)
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 3.6 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
−40 °Cto+85 °C and −40 °Cto+125 °C
74AUP1G02
Low-power 2-input NOR gate
Rev. 6 — 27 June 2012
Product data sheet


Similar Part No. - 74AUP1G02GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02GW NEXPERIA-74AUP1G02GW Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP1G02GW-Q100 NEXPERIA-74AUP1G02GW-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
More results

Similar Description - 74AUP1G02GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com