Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP702MX18TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP702MX18TCG
Description  200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP702MX18TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP702MX18TCG Datasheet HTML 3Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 4Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 5Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 6Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 7Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 8Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 9Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 10Page - ON Semiconductor NCP702MX18TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP702
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. PSRR vs. Voltage Differential,
COUT = 4.7 mF, IOUT = 10 mA
Figure 16. Quiescent Current vs. Input Voltage,
VOUT = 3.3 V
VIN − VOUT VOLTAGE DIFFERENTIAL (V)
VIN, INPUT VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.2
0.4
0
0
10
20
30
50
60
70
80
5.5
4.0
3.5
3.0
2.0
1.0
0.5
0
0
2
4
6
8
10
12
Figure 17. Quiescent Current vs. Input Voltage,
VOUT = 0.8 V
Figure 18. Dropout Voltage vs. Output Current,
VOUT = 3.3 V
VIN, INPUT VOLTAGE (V)
IOUT, OUTPUT CURRENT (mA)
180
140
100
80
60
40
20
0
0
20
40
60
80
100
120
140
Figure 19. Dropout Voltage vs. Output Current,
VOUT = 2.5 V
Figure 20. Output Voltage vs. Temperature,
VOUT = 0.8 V
IOUT, OUTPUT CURRENT (mA)
TJ, JUNCTION TEMPERATURE (°C)
180
140
120
100
60
40
20
0
0
20
60
80
100
140
180
200
120
100
80
40
20
0
−20
−40
0.781
0.785
0.789
0.797
0.801
0.805
0.813
0.817
40
f = 1 kHz
f = 100 kHz
f = 1 MHz
f = 10 kHz
VOUT = 3.3 V
COUT = 4.7 mF
CIN = none
IOUT = 10 mA
MLCC, X7R,
1206 size
1.5
2.5
4.5 5.0
TJ = 25°C
TJ = −40°C
TJ = 125°C
VOUT = 3.3 V
IOUT = 0 mA
COUT = 1 mF
TJ = 25°C
TJ = −40°C
TJ = 125°C
VOUT = 0.8 V
IOUT = 0 mA
COUT = 1 mF
120
160
200
TJ = 25°C
TJ = −40°C
TJ = 125°C
VOUT(nom) = 3.3 V
CIN = COUT = 1 mF
80
160
200
40
120
160
TJ = 25°C
TJ = −40°C
TJ = 125°C
VOUT(nom) = 2.5 V
CIN = COUT = 1 mF
60
140
0.793
0.809
VIN = 2.0 V
VOUT(nom) = 0.8 V
IOUT = 10 mA
COUT = COUT = 1 mF
0
2
4
6
8
10
12
0123456


Similar Part No. - NCP702MX18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP702MX18TCG ONSEMI-NCP702MX18TCG Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
More results

Similar Description - NCP702MX18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_16 Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCP703 ONSEMI-NCP703_13 Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com