Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25U20AMB-AH Datasheet(PDF) 9 Page - ON Semiconductor

Part # LE25U20AMB-AH
Description  2M-bit (256Kx8)Serial Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U20AMB-AH Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LE25U20AMB-AH Datasheet HTML 5Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 6Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 7Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 8Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 9Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 10Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 11Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 12Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LE25U20AMB
No.A2097-9/21
WEN (bit 1)
The WEN register is for detecting whether the device can perform write operations. If it is set to "0", the device will not
perform the write operation even if the write command is input. If it is set to "1", the device can perform write
operations in any area that is not block-protected.
WEN can be controlled using the write enable and write disable commands. By inputting the write enable command
(06h), WEN can be set to "1"; by inputting the write disable command (04h), it can be set to "0". In the following states,
WEN is automatically set to "0" in order to protect against unintentional writing.
• At power-on
• Upon completion of small sector erase, sector erase or chip erase
• Upon completion of page program
• Upon completion of status register write
* If a write operation has not been performed inside the LE25U20AMB because, for instance, the command input for
any of the write operations (small sector erase, sector erase, chip erase, page program, or status register write) has
failed or a write operation has been performed for a protected address, WEN will retain the status established prior to
the issue of the command concerned. Furthermore, its state will not be changed by a read operation.
BP0, BP1 (bits 2, 3)
Block protect BP0 and BP1 are status register bits that can be rewritten, and the memory space to be protected can be
set depending on these bits. For the setting conditions, refer to "Table 4 Protect level setting conditions".
Table 4 Protect Level Setting Conditions
Status Register Bits
Protect Level
BP1
BP0
Protected Area
0 (Whole area unprotected)
0
0
None
1 (1/4 protected)
0
1
30000h to 3FFFFh
2 (1/2 protected)
1
0
20000h to 3FFFFh
3 (Whole area protected)
1
1
00000h to 3FFFFh
* Chip erase is enabled only when the protect level is 0.
SRWP (bit 7)
Status register write protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is "1" and the logic level of the WP pin is low, the status register write command is ignored, and status
registers BP0, BP1, and SRWP are protected. When the logic level of the WP pin is high, the status registers are not
protected regardless of the SRWP state. The SRWP setting conditions are shown in "Table 5 SRWP setting conditions".
Table 5 SRWP Setting Conditions
WP Pin
SRWP
Status Register Protect State
0
Unprotected
0
1
Protected
0
Unprotected
1
1
Unprotected
Bits 4, Bits 5, and Bits 6 are reserved bits, and have no significance.


Similar Part No. - LE25U20AMB-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
204Kb / 21P
   Serial Flash Memory 2 Mb
February 2017 - Rev. 1
More results

Similar Description - LE25U20AMB-AH

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
LE25U20AMB SANYO-LE25U20AMB Datasheet
163Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206_11 Datasheet
167Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
ELM Electronics
GD25Q21B ELM-GD25Q21B Datasheet
3Mb / 49P
   2M-bit Serial Flash
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com