Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-3308-207F Datasheet(PDF) 6 Page - Dialight Corporation

Part # 597-3308-207F
Description  40 Years of LED Experience
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3308-207F Datasheet(HTML) 6 Page - Dialight Corporation

Back Button 597-3308-207F Datasheet HTML 2Page - Dialight Corporation 597-3308-207F Datasheet HTML 3Page - Dialight Corporation 597-3308-207F Datasheet HTML 4Page - Dialight Corporation 597-3308-207F Datasheet HTML 5Page - Dialight Corporation 597-3308-207F Datasheet HTML 6Page - Dialight Corporation 597-3308-207F Datasheet HTML 7Page - Dialight Corporation 597-3308-207F Datasheet HTML 8Page - Dialight Corporation 597-3308-207F Datasheet HTML 9Page - Dialight Corporation 597-3308-207F Datasheet HTML 10Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
595 Series
2mm Single Level Prism
®
CBI
®
Specifications
Order Code
595- XXXX -0 XX F
Color Code
Package Options
Packaging Type
Packaging Code
Packaging
02
20 piece strip
07
7" Reel
13
13" Reel
www.dialight.com
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Typ Luminous
Intensity (mcd)
Typ Dom
Wavelength
(nm)
2101
Red
AlGaAs
-----
20 mA
1.7
25.0
647
2201
Green
AlInGaP
Hi. Intensity
20 mA
2.1
70.0
572
2301
Green
AlInGaP
-----
20 mA
2.1
11.0
572
2401
Yellow
AlInGaP
-----
20 mA
2.2
9.0
586
2501
Orange
AlInGaP
-----
20 mA
2.2
9.0
606
2602
Blue
InGaN
-----
20 mA
3.3
80.0*
470
2701
Yellow
AlInGaP
-----
20 mA
2.0
41.0*
590
2902
Green
InGaN
-----
20 mA
3.3
300.0*
525
.098
+.000
- .005
[2,49+0,00]
- 0,12
Ø .080 + .005
[2,03 + 0,12]
.018 + .010
[0,047 + 0,12]
.072 + .005
[1,83 + 0,12]
.005 + .010
[0,13 + 0,25]
LENS
CATHODE ID
.030
[3,3]
C OF LED
L
.068 + .005
[,73 + 0,12]
.065
[1,65]
LED SOLDER PAD
.088 + .010
[2,24 + 0,25]
.141
[3,581]
.100
[2,54]
CENTERS
.033
[0,84]
.173
[4,39]
.059
[1,50]
.067 [1,7]
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004
.013
[0,33]
.069
[1,75]
.148
[3,76]
.217
[5,51]
CATHODE
.079
[2]
.157
[4]
.315
[8]
Ø .059
[1,5]
.472
[12]
DIRECTION OF FEED
TOLERANCE: .004 UNLESS OTHERWISE SPECIFIED
MILLIMETER DIMENSIONS SHOWN FOR REFERENCE ONLY
*Test condition = 10mA
Taping Specification
6
.063
[1,6]
.051
[1,3]
RoHS Compliant


Similar Part No. - 597-3308-207F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3301-102 DIALIGHT-597-3301-102 Datasheet
21Kb / 1P
   Surface Mount LED
597-3301-102F DIALIGHT-597-3301-102F Datasheet
215Kb / 1P
   SMT LED RoHS COMPLIANT
597-3301-107 DIALIGHT-597-3301-107 Datasheet
21Kb / 1P
   Surface Mount LED
597-3301-107F DIALIGHT-597-3301-107F Datasheet
215Kb / 1P
   SMT LED RoHS COMPLIANT
597-3301-1XX DIALIGHT-597-3301-1XX Datasheet
409Kb / 1P
   3 x 5mm Rectangular Optopipe Optical Light Pipe, 2 Array (RJ45 Jack)
More results

Similar Description - 597-3308-207F

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A8520 ANAREN-A8520 Datasheet
960Kb / 2P
   Minimal RF engineering experience necessary
logo
STMicroelectronics
AN1294 STMICROELECTRONICS-AN1294 Datasheet
1Mb / 20P
   During the last years
logo
ETA-USA
ZMP12SX-F-W ETA-USA-ZMP12SX-F-W Datasheet
5Mb / 4P
   400W 3 years warranty
logo
ITT Industries
031-1007-054 ITT-031-1007-054 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
CSB Battery Co., Ltd.
GPL12750 CSB-BATTERY-GPL12750 Datasheet
530Kb / 2P
   general purpose battery up to 10 years
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
logo
Maxim Integrated Produc...
DS1904 MAXIM-DS1904_11 Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
logo
CSB Battery Co., Ltd.
GP645 CSB-BATTERY-GP645 Datasheet
537Kb / 2P
   general purpose battery up to 5 years
GP672 CSB-BATTERY-GP672 Datasheet
529Kb / 2P
   general purpose battery up to 5 years
GPL672 CSB-BATTERY-GPL672 Datasheet
479Kb / 2P
   general purpose battery up to 8 years
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com