Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZ03S200B001A00 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # TZ03S200B001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZ03S200B001A00 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TZ03S200B001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZ03S200B001A00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
7
1
Continued from the preceding page.
cleaning). To prevent the deterioration of
trimmer capacitor characteristics, apply flux
only to terminals.
2. Mounting
(1) Do not apply excessive force (preferable 5.0N
(Ref.; 500gf)max.), when the trimmer capacitor
is mounted on the PCB.
(2) Do not warp and/or bend PCB to prevent trimmer
capacitor from breakage.
(3) Use the suitable dimension of the pick-up nozzle.
(1.1-1.2mm external diameter and 0.8-0.9mm bore
diameter.)
3. Cleaning
Can not be cleaned because of open construction.
4. Other
Note the polarity of the trimmer capacitor to
minimize influence by stray capacitance.
(Refer to the dimensions concerning the polarity.)
s Notice (Handling)
1. Use suitable screwdrivers that fit comfortably in
driver slot.
*Recommended screwdriver for manual adjustment
MURATA : KMDR160
2. When adjusting with a screwdriver, do not apply
excessive force(preferable 0.5N(Ref;50gf) max.) to
minimize capacitance drift. If excessive force
applied to the screwdriver slot, it may cause
deformation of the products.
3. Do not apply adhesive, lock paints, or any other
substances to the trimmer capacitor to secure the
rotor position. They may cause corrosion or
electrical contact problems.
s Notice (Other)
1. Before using trimmer capacitor, please test after
assembly in your particular mass production system.
2. We have an application manual for trimmer capacitor.
(Only for chip type) If you need it, please feel
free to contact us.


Similar Part No. - TZ03S200B001A00

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0300A TAI-SAW-TZ0300A Datasheet
233Kb / 5P
   SMD 4x2.5 27.0MHz Crystal Unit
REV. NO.: 2
TZ0301A TAI-SAW-TZ0301A Datasheet
235Kb / 5P
   SMD 5.0x3.2 12.0MHz Crystal Unit
REV. NO.: 2
TZ0302A TAI-SAW-TZ0302A Datasheet
224Kb / 5P
   SMD 4x2.5 16.0MHz Crystal Unit
REV. NO.: 4
TZ0303A TAI-SAW-TZ0303A Datasheet
226Kb / 5P
   SMD 4.0x2.5 24.576MHz Crystal Unit
REV. NO.: 3
TZ0304A TAI-SAW-TZ0304A Datasheet
234Kb / 5P
   SMD 4x2.5 12.0MHz Crystal Unit
REV. NO.: 1
More results

Similar Description - TZ03S200B001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com