Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDA-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part No. MDA-2
Description  MDA Series, Time Delay, Ceramic Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MDA-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MDA-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. MDA-2 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Time Delay, ceramic tube
• Optional leaded version available
• 1/4 x 1-1/4 (6.3mm x 32mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Approvals
• UL Listed Card: MDA 2/10 - 20A (Guide JDYX,
File E19180)
• UL Recognized Card: MDA 25 - 30A (Guide JDYX2,
File E19180)
• CSA Certification Card: MDA 2/10 - 15
(Class No. 1422-01)
Environmental Data
• Shock: 1/100A and 8/10A – MIL-STD-202,
Method 213, Test Condition I;
1A thru 30A – MIL-STD-202, Method 207,
(HI Shock)
• Vibration: 1/100A and 8/10A – MIL-STD-202,
Method 201; 1/4A thru 30A – MIL-STD-202,
Method 204, Test Condition C (Except 5g, 500HZ)
Ordering
• Specify product code, option code and packaging code
Dimensions (mmin)
Drawing Not to Scale
1/4" x 1-1/4" Fuses
MDA Series, Time Delay, Ceramic Tube
SPECIFICATIONS
Product
Voltage
AC Interrupting
DC Interrupting
Typical DC Cold
Typical
Typical
Code
Rating
Rating*
Rating
Resistance**
Melting I2t†
Voltage
AC
DC
250V
125V
125V
(ohms)
AC
Drop‡
MDA-1/4
250V
-
35A
10000A
-
9.325
0.68
4.00
MDA-1/2
250V
-
35A
10000A
-
1.925
2.3
1.42
MDA-3/4
250V
-
35A
10000A
-
0.8555
7.8
1.31
MDA-1
250V
-
35A
10000A
-
0.560
11.1
1.03
MDA-1-1/2
250V
-
100A
10000A
-
0.2585
25.0
0.691
MDA-2
250V
-
100A
10000A
-
0.1645
64.0
0.623
MDA-2-1/2
250V
-
200A
10000A
-
0.06685
28.9
0.213
MDA-3
250V
-
200A
10000A
-
0.0507
40.9
0.182
MDA-4
250V
-
200A
10000A
-
0.0346
134.0
0.162
MDA-5
250V
-
200A
10000A
-
0.02355
345.9
0.145
MDA-6
250V
-
200A
10000A
-
0.01850
534.3
0.141
MDA-7
250V
-
200A
10000A
-
0.01475
580.3
0.137
MDA-8
250V
-
200A
10000A
-
0.01230
944.0
0.134
MDA-10
250V
-
200A
10000A
-
0.00858
1491.3
N/A
MDA-15
250V
-
750A
10000A
-
0.00543
206.2
0.107
MDA-20
250V
125V
1500A
10000A
10000A
0.00405
439.5
0.095
MDA-25
250V
125V
1500A
10000A
10000A
0.00309
667.9
0.105
MDA-30
250V
125V
1500A
10000A
10000A
0.00243
997.0
0.110
* Interrupting Ratings (Measured at 70% - 80% power factor on AC. The interrupting ratings for 25Amp, 30Amp were measured at 90% - 100% power factor on AC)
** DC Cold Resistance (Measured at ≤10% of rated current)
†Typical Melting I2t (A2Sec) (I2t was measured at listed interrupting rating and rated voltage)
‡Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)
ELECTRICAL CHARACTERISTICS
Rated Current
Amp Rating
Opening Time
100%
None
1/4 - 30A
135%
60 Minutes Max.
200%
120 Seconds Max.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn