Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB634P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LB634P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB634P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LB634P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB634P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB634P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB634P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <2>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Isolator Rating
(AC-21)
Measure
Switch
Code
LB20
LB25
LB32
LB40
LB63
LB80
LB100
LB125
Rated Operational Voltage, UE
IEC / EN / VDE
Volts
V
690
690
690
690
690
690
690
690
UL / CSA
600
600
600
600
600
600
600
600
Main Switch:
Isolating Voltage up to
750
750
750
750
750
750
750
750
Resistance to Surge
Pulse Voltage, Uimp
KV
6
6
6
6
6
6
6
6
Rated Uninterrupted
Current, Iu
Amperes
A
16
20
25
32
40
63
100
125
Rated Uninterrupted Current, Ie
IEC / EN /
VDE
AC-22
Amperes
A
16
20
25
32
40
63
100
125
AC-21 A
20
25
32
40
63
80
AC-1
UL / CSA
16
20
25
32
40
63
Rated Operational Power at 50 to 60 Hz (IEC / EN / VDE)
IEC / EN /
VDE
AC-23 A
3 Phase
3 Pole
220 to 240 V
kW
3
4
5.5
7.5
11
15
22
30
380 to 440 V
5.5
7.5
11
15
18.5
30
37
45
500 to 690 V
7.5
11
22
45
55
AC-3 A
3 Phase
3 Pole
220 to 240 V
2
3
4
5.5
7.5
11
18.5
22
380 to 440 V
3
5.5
7.5
11
18.5
22
30
37
500 to 690 V
5.5
7.5
11
37
45
Short Circuit Capacity (IEC / EN / VDE)
Maximum Fuse Size
(Type gL)
Amperes
A
16
25
25
32
40
63
100
125
Rated Fused Short
Circuit Current
kA
5
5
30
30
30
30
30
30
UL / CSA Power Rating
DOL
3 Phase,
3 Pole
120 V
HP
1.5
1.5
3
3
5
7.5
7.5
7.5
240 V
3
3
7.5
7.5
10
15
15
15
480 V
7.5
7.5
15
20
20
25
30
40
600 V
10
10
20
25
30
30
40
50
1 Phase
120 V
0.5
0.5
1.5
2
3
4.5
3
3
240 V
1.5
1.5
2
3
4
6
7.5
7.5


Similar Part No. - LB634P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB630Z SEOUL-LB630Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LB631 SEOUL-LB631 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB631 SEOUL-LB631 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB631 SEOUL-LB631 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB631 SEOUL-LB631 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LB634P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
logo
Lumins Inc.
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
   4??Dia.X 6??extruded aluminum step poles
logo
California Micro Device...
CM1470 CALMIRCO-CM1470 Datasheet
353Kb / 11P
   Praetorian??4-, 6- and 8-Channel Series Inductor Networks
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Analog Devices
ADP1034 AD-ADP1034 Datasheet
4Mb / 41P
   3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
logo
ON Semiconductor
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
logo
List of Unclassifed Man...
JGX-39F ETC1-JGX-39F Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
logo
Molex Electronics Ltd.
84584 MOLEX-84584 Datasheet
55Kb / 2P
   Micro-C PolyPort??Junction Boxes 4, 6 and 8 Port Junction Boxes in a 3 Circuit Configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com