Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB258P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LB258P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB258P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LB258P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB258P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB258P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB258P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <1>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Box 1 (20 to 40 A):
Box 2 (63 to 80 A) and (25 to 40 A 4PBB):
Box 3 (100 to 125 A):
Change Over Box:
Rotary Isolator (Load Break Switch) Dimensions
Box Size
Height
Width
Depth
Depth
(Including Switch)
1
(20 to 40 A)
125
100
70
118
2
(63 to 80 A) and 25 to 40 A 4PBB)
175
125
90
134
3
(100 to 125 A)
280
190
130
190
Change Over Box
AC-21 Switch Ratings
Dimensions : Millimetres
Canadian Standards:
CAN / CSA-C22.2 No.14
American Standards:
UL508
IEC and European
Standards:
IEC 60947-1 and 3, EN60947, VDE 0660-107


Similar Part No. - LB258P

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB25 NKK-LB25 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
MORNSUN Science& Techno...
LB25-10B03LT MORNSUN-LB25-10B03LT Datasheet
282Kb / 7P
   AC/DC Converter
LB25-10B05LT MORNSUN-LB25-10B05LT Datasheet
282Kb / 7P
   AC/DC Converter
LB25-10B09LT MORNSUN-LB25-10B09LT Datasheet
282Kb / 7P
   AC/DC Converter
LB25-10B12LT MORNSUN-LB25-10B12LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB258P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
logo
Lumins Inc.
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
   4??Dia.X 6??extruded aluminum step poles
logo
California Micro Device...
CM1470 CALMIRCO-CM1470 Datasheet
353Kb / 11P
   Praetorian??4-, 6- and 8-Channel Series Inductor Networks
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Analog Devices
ADP1034 AD-ADP1034 Datasheet
4Mb / 41P
   3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
logo
ON Semiconductor
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
logo
List of Unclassifed Man...
JGX-39F ETC1-JGX-39F Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
logo
Molex Electronics Ltd.
84584 MOLEX-84584 Datasheet
55Kb / 2P
   Micro-C PolyPort??Junction Boxes 4, 6 and 8 Port Junction Boxes in a 3 Circuit Configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com