Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL116K0XMFV033 Datasheet(PDF) 3 Page - SPANSION

Part # S25FL116K0XMFV033
Description  16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL116K0XMFV033 Datasheet(HTML) 3 Page - SPANSION

  S25FL116K0XMFV033 Datasheet HTML 1Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 2Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 3Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 4Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 5Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 6Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 7Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 8Page - SPANSION S25FL116K0XMFV033 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S25FL116K_00
Revision 06
Issue Date November 6, 2013
Features
 Serial Peripheral Interface (SPI)
– SPI Clock polarity and phase modes 0 and 3
– Command subset and footprint compatible with S25FL016K
 Read
– Normal Read (Serial): 50 MHz clock rate
– Fast Read (Serial): 108 MHz clock rate
– Dual / Quad (Multi-I/O) Read 108 MHz clock rate
– 54 MB/s maximum continuous data transfer rate
– Efficient eXecute-In-Place (XIP)
– Continuous and wrapped read modes
– Serial Flash Discoverable Parameters (SFDP)
 Program
– Serial-input Page Program (up to 256 bytes)
– Program Suspend and Resume
 Erase
– Uniform sector erase (4 kB)
– Uniform block erase (64 kB)
– Bulk erase
– Erase Suspend and Resume
 Cycling Endurance
– 100K Program-Erase cycles on any sector, minimum
 Data Retention
– 20-year data retention, typical
 Security
– Three 256-byte Security Registers with OTP protection
– Low supply voltage protection of the entire memory
– Top / Bottom relative Block Protection Range, 4 kB to all of memory
– 8-Byte Unique ID for each device
– Non-volatile Status Register bits control protection modes
– Software command protection
– Hardware input signal protection
– Lock-Down until power cycle protection
– OTP protection of security registers
 90 nm Floating Gate Technology
 Single Supply Voltage: 2.7V to 3.6V
 Temperature Ranges
– Industrial (–40°C to +85°C)
– Automotive (–40°C to +105°C)
 Package Options
– S25FL116K
– 8-lead SOIC (150 mil) - SOA008
– 8-lead SOIC (208 mil) - SOC008
– 8-contact WSON 5x6 - WND008
– 24-ball BGA 6 mm x 8 mm - FAB024 and FAC024
–KGD / KGW
S25FL116K
16-Mbit (2-Mbyte) CMOS 3.0-Volt Flash Non-Volatile Memory
Serial Peripheral Interface (SPI) with Multi-I/O and
Industrial and Automotive Temperature
Data Sheet (Preliminary)


Similar Part No. - S25FL116K0XMFV033

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results

Similar Description - S25FL116K0XMFV033

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPMFIG11 SPANSION-S25FL128SDPMFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064K SPANSION-S25FL064K Datasheet
2Mb / 66P
   64-Mbit CMOS 3.0 Volt Flash Memory with 80-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com