Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV852IDT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSV852IDT
Description  Low-power, high-accuracy, general-purpose operational amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV852IDT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSV852IDT Datasheet HTML 2Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 3Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 4Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 5Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 9Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Electrical characteristics
TSV85x, TSV85xA
6/31
DocID022468 Rev 3
3
Electrical characteristics
Table 4. Electrical characteristics at VCC+ = 2.7 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
TSV85xA, T = 25 °C
0.8
mV
TSV85x, T = 25 °C
4
TSV85xA, -40°C < T< 125 °C
2
TSV85x, -40 °C < T< 125 °C
6
ΔVio/ΔT Input offset voltage drift(1)
-40 °C < T< 125 °C
1
μV/°C
Iio
Input offset current (Vout = Vcc/2)
T = 25 °C
0.5
30
nA
-40°C < T< 125 °C
1
50
Iib
Input bias current (Vout = Vcc/2)
T = 25 °C
27
60
-40 °C < T< 125 °C
110
CMR
Common mode rejection ratio
20 log (
ΔVicm/ΔVio)
(Vic = 0 V to Vcc-1V, Vout = Vcc/2)
T = 25 °C
70
75
dB
-40 °C < T< 125 °C
68
Avd
Large signal voltage gain
(Vout = 0.5V to (Vcc-0.5V))
RL= 10 kΩ, T = 25 °C
100
110
RL= 10 kΩ, -40 °C < T< 125 °C
90
RL= 2 kΩ, T = 25 °C
90
100
RL= 2 kΩ, -40 °C < T< 125 °C
80
VCC-VOH High level output voltage
RL = 10 kΩ, T = 25 °C
10
100
mV
RL = 10 kΩ, -40 °C < T< 125
°C
200
RL = 2 kΩ, T = 25 °C
40
300
RL = 2 kΩ, -40 °C < T< 125 °C
400
VOL
Low level output voltage
RL = 10 kΩ, T = 25 °C
65
180
RL = 10 kΩ, -40 °C < T< 125
°C
280
RL = 2 kΩ, T = 25 °C
120
300
RL = 2 kΩ, -40 °C < T< 125 °C
400
Iout
Isink (Vout = Vcc)
Vid = -1 V
T = 25 °C
15
26
mA
-40 °C < T< 125 °C
15
Isource (Vout = 0 V)
Vid = 1 V
T = 25 °C
15
21
-40°C < T< 125°C
12
ICC
Supply current (per channel)
No load, Vout = VCC/2
T = 25°C
120
180
µA
-40°C < T< 125°C
180


Similar Part No. - TSV852IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV852 STMICROELECTRONICS-TSV852 Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
TSV852A STMICROELECTRONICS-TSV852A Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
More results

Similar Description - TSV852IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV85X STMICROELECTRONICS-TSV85X Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
LMV822AIST STMICROELECTRONICS-LMV822AIST Datasheet
873Kb / 32P
   Low power, high accuracy, general-purpose operational amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
Analog Devices
AD540 AD-AD540_15 Datasheet
1Mb / 4P
   HIGH ACCURACY LOW COST FET INPUT OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com