Electronic Components Datasheet Search |
|
S25FL164K0XMFV021 Datasheet(PDF) 3 Page - SPANSION |
|
S25FL164K0XMFV021 Datasheet(HTML) 3 Page - SPANSION |
3 / 85 page This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual- ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document may be revised by subsequent versions or modifications due to changes in technical specifications. Publication Number S25FL132K_164K_00 Revision 03 Issue Date October 16, 2013 Features Serial Peripheral Interface (SPI) – SPI Clock polarity and phase modes 0 and 3 – Command subset and footprint compatible with S25FL-K Read – Normal Read (Serial): 50 MHz clock rate – Fast Read (Serial): 108 MHz clock rate – Dual / Quad (Multi-I/O) Read 108 MHz clock rate – 54 MB/s maximum continuous data transfer rate – Efficient eXecute-In-Place (XIP) – Continuous and wrapped read modes – Serial Flash Discoverable Parameters (SFDP) Program – Serial-input Page Program (up to 256 bytes) – Program Suspend and Resume Erase – Uniform sector erase (4 kB) – Uniform block erase (64 kB) – Bulk erase – Erase Suspend and Resume Cycling Endurance – Typical 100K Program-Erase cycles on any sector Data Retention – Typical 20-year data retention at 55°C Security – Three 256-byte Security Registers with OTP protection – Low supply voltage protection of the entire memory – Pointer-based security protection feature – Top / Bottom relative Block Protection Range, 4 kB to all of memory – 8-Byte Unique ID for each device – Non-volatile Status Register bits control protection modes – Software command protection – Hardware input signal protection – Lock-Down until power cycle protection – OTP protection of security registers 90 nm Floating Gate Technology Single Supply Voltage: 2.7V to 3.6V Temperature Ranges – Industrial (–40°C to +85°C) – Automotive (–40°C to +105°C) Package Options – S25FL132K – 8-lead SOIC (150 mil) - SOA008 – 8-lead SOIC (208 mil) - SOC008 – 8-contact WSON 5 x 6 - WND008 – 24-ball BGA 6 mm x 8 mm - FAB024 and FAC024 –KGD / KGW – S25FL164K – 8-lead SOIC (208 mil) - SOC008 – 16-lead SOIC (300 mil) - SO3016 – 8-contact WSON 5 x 6 - WND008 – 24-ball BGA 6 mm x 8 mm - FAB024 and FAC024 –KGD / KGW S25FL132K and S25FL164K S25FL132K – 32 Mbit (4 Mbyte) S25FL164K – 64 Mbit (8 Mbyte) CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface (SPI) with Multi-I/O Industrial and Automotive Temperature Data Sheet (Preliminary) |
Similar Part No. - S25FL164K0XMFV021 |
|
Similar Description - S25FL164K0XMFV021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |