Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2543 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2543
Description  PROTECTED QUAD POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2543 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2543 Datasheet HTML 1Page - Allegro MicroSystems 2543 Datasheet HTML 2Page - Allegro MicroSystems 2543 Datasheet HTML 3Page - Allegro MicroSystems 2543 Datasheet HTML 4Page - Allegro MicroSystems 2543 Datasheet HTML 5Page - Allegro MicroSystems 2543 Datasheet HTML 6Page - Allegro MicroSystems 2543 Datasheet HTML 7Page - Allegro MicroSystems 2543 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2543
PROTECTED
QUAD POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OUTPUT BEHAVIOR
CIRCUIT DESCRIPTION AND APPLICATION
INCANDESCENT LAMP DRIVER
For incandescent lamp applications, the UDx2549B/EB or
UDx2559B/EB, with improved shortcircuit protection and thermal
limiting, are recommended.
INDUCTIVE LOAD DRIVER
Bifilar (unipolar) stepper motors, relays, or solenoids can be driven
directly. The internal flyback diodes prevent damage to the output
transistors by suppressing the high-voltage spikes that occur when
turning OFF an inductive load. For rapid current decay (fast turn-OFF
speeds), the use of Zener diodes will raise the flyback voltage and
improve performance. However, the peak voltage must not exceed the
specified minimum sustaining voltage (VSUPPLY + VZ + VF
≤ V
OUT(SUS)).
FAULT CONDITIONS
In the event of a shorted load, the load current will attempt to
increase. As described above, the drive current to the affected
output stage is diverted, causing the output stage to go linear, limiting
the peak output current to approximately 1 A. As the power dissipation
of that output stage increases, a thermal gradient sensing circuit will
become operational, further decreasing the drive current to the af-
fected output stage and reducing the output current to a value depen-
dent on supply voltage (IOUT
≈ 2.4/V
SUPPLY). If the fault condition is
corrected, the output stage will return to its normal saturated condition.
Due to the independent operation of the four channels, only
a single channel should be shorted at a time. Multiple overload
conditions may be tolerated provided rated package power
dissipation is not exceeded.
NORMAL LOAD
TIME
Dwg. WP-013-1
NOT TO SCALE
CURRENT LIMIT (12 V SUPPLY)
SHORT CIRCUIT
CURRENT LIMIT (24 V SUPPLY)


Similar Part No. - 2543

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2543 KR-2543 Datasheet
200Kb / 2P
   Bandpass Filter
logo
Heyco.
2543 HEYCO-2543 Datasheet
132Kb / 1P
   Break-Away Bumpers
2543 HEYCO-2543 Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
Eaton All Rights Reserv...
25430-20100 EATON-25430-20100 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Alpha Wire
25430/15 ALPHAWIRE-25430/15 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
More results

Similar Description - 2543

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com