Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S4815IC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NPH15S4815IC
Description  Isolated 15W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH15S4815IC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NPH15S4815IC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH15S4815IC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NPH15S Series
Isolated 15W Single Output DC/DC Converters
KDC_NPH15S.F05 Page 2 of 8
www.murata-ps.com/support
CONTROL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage trimming range1
At rated load, trim control at either output
±10
%
Remote switch input (voltage relative to
input negative)1
Not operating
-15
0
1.5
V
Operating, open circuit voltage
9
10
11
Start delay
Time from application of valid input voltage to output being in specifi-
cation
25
50
ms
Synchronisation1
Specified drive signal
320
440
kHz
Switching frequency
330
350
395
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Case temperature
Full load
-40
110
ºC
Storage
Absolute Max. internal temperature
-40
125
Relative humidity
Non condensing 85ºC
85
%
Thermal protection
Operates at case temperature
110
ºC
THERMAL CHARACTERISTICS
UL 1950 recognition: Max. permissable loads for a given ambient temperature for any NPH15S model.
Temperature (ºC)
Power (W)
Temperature (ºC)
Power (W)
40
15.0
70
11.7
50
15.0
80
9.8
53
15.0
85
8.8
60
13.7
90
7.8
Max. power rating with case temperature maintained by external means (e.g. forced air cooling).
Part Number
Case Temperature
Units
100ºC
105ºC
110ºC
NPH15S2403XXX
19
16
12
W
NPH15S2405XXX
22
19
15
NPH15S2412XXX
25
22
19
NPH15S2415XXX
26
24
21
NPH15S4803XXX
20
17
13
W
NPH15S4805XXX
23
20
16
NPH15S4812XXX
28
26
23
NPH15S4815XXX
30
28
25
THERMAL PERFORMANCE
24V Input
48V Input
1. Optional - where fitted.


Similar Part No. - NPH15S4815IC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S4815iC MURATA-PS-NPH15S4815iC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
More results

Similar Description - NPH15S4815IC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com