Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2065B Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ULN2065B
Description  QUAD 1.5 A DARLINGTON SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULN2065B Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ULN2065B Datasheet HTML 4Page - Allegro MicroSystems ULN2065B Datasheet HTML 5Page - Allegro MicroSystems ULN2065B Datasheet HTML 6Page - Allegro MicroSystems ULN2065B Datasheet HTML 7Page - Allegro MicroSystems ULN2065B Datasheet HTML 8Page - Allegro MicroSystems ULN2065B Datasheet HTML 9Page - Allegro MicroSystems ULN2065B Datasheet HTML 10Page - Allegro MicroSystems ULN2065B Datasheet HTML 11Page - Allegro MicroSystems ULN2065B Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2064 THRU 2069
QUAD 1.5 A DARLINGTON
SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
0
° TO
1
20
2
3
0.51
0.33
0.10 MIN.
Dwg. MA-008-21A mm
1.27
BSC
11
0.32
0.23
1.27
0.40
NOTE 1
NOTE 3
7.60
7.40
10.65
10.00
13.00
12.60
2.65
2.35
ULN2064LB, ULN2065LB, ULN2068LB, and ULN2069LB
(add “TR” to part number for tape and reel)
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
NOTES:
1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative.
3. Webbed lead frame. Leads 4 through 7 and 14 through 17 are internally one piece.
4. Lead thickness is measured at seating plane or below.
5. Supplied in standard sticks/tubes of 37 devices or
add “TR” to part number for tape and reel.
0
° TO
1
2
3
0.020
0.013
0.0040 MIN.
0.0125
0.0091
0.050
0.016
Dwg. MA-008-21A in
0.050
BSC
20
11
NOTE 1
NOTE 3
0.2992
0.2914
0.419
0.394
0.5118
0.4961
0.0926
0.1043


Similar Part No. - ULN2065B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
More results

Similar Description - ULN2065B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
   1.5A DARLINGTON SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com