Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL4FX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NL4FX
Description  4 pole cable connector with chuck and dark grey bushing.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NL4FX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NL4FX Datasheet HTML 1Page - List of Unclassifed Manufacturers NL4FX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WIRING
Amplifier
Stereo ("HIFI"): one NL4MP socket left channel pins 1+/1- right channel pins 2+/2-
Power ("PA) Standard: three NL4MP sockets "A" socket: left channel pins 1+/1- "B" socket: right channel pins
1+/1-
Bridged mono: "M" socket: left channel pins 1+/1- right channel pins 2+/2-
BI-Amp: one NL4MP socket low frequency pins 1+/1- high frequency pins 2+/2-
Cable
Stereo ("HIFI"): NL4FC/NL4FX/NL4FRX on amplifier end, four conductor cable splits into two pairs with
NL4FC/NL4FX/NL4FRX on each end
Power ("PA) Standard: a two-conductor cable for each channel with NL4FC/NL4FX/NL4FRX on both ends
Bridged mono: a special two-conductor cable, on both ends wired to pin 1+/2+ of NL4FC/NL4FX/NL4FRX
BI-Amp: a four-conductor cable on both ends wired to pins 1+/1-, 2+/2- of NL4FC/NL4FX/NL4FRX
Speaker
Stereo ("HIFI"): one NL4MP per speaker left speaker pins 1+/1- right speaker pins 2+/2-
Power ("PA) Standard: NL4MP pin 1+ to speaker coil "+" NL4MP pins 1- and 2+ to speaker coil "-"
Bridged mono: NL4MP pin 1+ to speaker coil "+" NL4MP pins 1- and 2+ to speaker coil "-"
BI-Amp: one NL4MP socket low frequency pins 1+/1- high frequency pins 2+/2-
N...Standard Neutrik® product
N...Non standard Neutrik® product, only available from Neutrik® USA Inc.
Copyright © 2005
Neutrik® USA Inc.
All Rights Reserved.
Neutrik® USA Inc.
195 Lehigh Avenue
Lakewood, NJ 08701 - 4527
phone: +1-732-901 9488
fax: +1-732-901 9608
email: info@neutrikusa.com
net: http://www.neutrik.com


Similar Part No. - NL4FX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4FX NEUTRIK-NL4FX Datasheet
92Kb / 3P
   4 pole cable connector, chuck type strain relief, dark grey bushing
NL4FX-2 NEUTRIK-NL4FX-2 Datasheet
105Kb / 3P
   4 pole cable connector, chuck type strain relief, red bushing
NL4FX-4 NEUTRIK-NL4FX-4 Datasheet
60Kb / 3P
   4 pole cable connector, chuck type strain relief, yellow bushing
NL4FX-5 NEUTRIK-NL4FX-5 Datasheet
103Kb / 3P
   4 pole cable connector, chuck type strain relief, green bushing
NL4FX-9 NEUTRIK-NL4FX-9 Datasheet
96Kb / 3P
   4 pole cable connector, chuck type strain relief, white bushing
More results

Similar Description - NL4FX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4FX NEUTRIK-NL4FX Datasheet
92Kb / 3P
   4 pole cable connector, chuck type strain relief, dark grey bushing
NL4FRX NEUTRIK-NL4FRX Datasheet
105Kb / 3P
   4 pole right-angle cable connector, chuck type strain relief, dark grey bushing
NL4FX-9 NEUTRIK-NL4FX-9 Datasheet
96Kb / 3P
   4 pole cable connector, chuck type strain relief, white bushing
NL4FX-4 NEUTRIK-NL4FX-4 Datasheet
60Kb / 3P
   4 pole cable connector, chuck type strain relief, yellow bushing
NL4FX-2 NEUTRIK-NL4FX-2 Datasheet
105Kb / 3P
   4 pole cable connector, chuck type strain relief, red bushing
NL4FX-5 NEUTRIK-NL4FX-5 Datasheet
103Kb / 3P
   4 pole cable connector, chuck type strain relief, green bushing
NL4FC NEUTRIK-NL4FC Datasheet
88Kb / 3P
   4 pole cable connector, chuck type strain relief
NL2FX NEUTRIK-NL2FX Datasheet
96Kb / 3P
   2 pole cable connector, chuck type strain relief
NLT4MX NEUTRIK-NLT4MX Datasheet
155Kb / 3P
   4 pole male cable connector, metal housing, chuck type strain relief
logo
Schneider Electric
VRKP4YYYYY00016 SCHNEIDER-VRKP4YYYYY00016 Datasheet
101Kb / 2P
   cable bushing with lids and fasteners
Apr 20, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com